Electronic Components Datasheet Search
  English  ▼

X  

HSR220 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HSR220
Description  Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 2A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSR220 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HSR220 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSR220 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSR220 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HL200706
Issued Date : 2007.04.01
Revised Date : 2009.03.24
Page No. : 1/3
HSR220 thru HSR2100
HSMC Product Specification
HSR220 thru HSR2100
DO-41
Schottky Barrier Rectifiers
(Reverse Voltage 20 to 100V, Forward Current 2A)
Features
• Low Forward Voltage Drop
• High Current Capability
• High Reliability
• High Surge Current Capability
Mechanical Data
• Cases: DO-41 molded plastic
• Epoxy: UL 94V-0 rate flame retardant
• Lead: Axial leads, solderable per MIL-STD-202, Method 208 guaranteed
• Polarity: Color band denotes cathode end
• High temperature soldering guaranteed: 250°C/10seconds/.375”(9.5mm) lead lengths at 5lbs.,(2.3kg) tension
• Weight: 0.35gram
Maximum Ratings & Electrical Characteristics
Ratings at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load. Derate current by 20%.
Ratings
Symbol
HSR
220
HSR
230
HSR
240
HSR
250
HSR
260
HSR
280
HSR
2100
Unit
Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Surge Peak Reverse Voltage
VRSM
14
21
28
35
42
57
71
V
DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
Average Forward Rectified Current (TA=75
oC)
IFAV
2
A
Peak Forward Surge Current, 50Hz Half
Sine-wave (TA=25
oC)
IFSM
50
A
Repetitive Peak Forward C (f>15Hz)
IFRM
12
A
Instantaneous Forward Voltage
VF
0.48
0.52
0.65
0.8
V
Leakage Current (TJ=25
oC, V
R=VRRM)
0.1
mA
Leakage Current (TJ=100
oC, V
R=VRRM)
IR
10
mA
Typical Junction Capacitance
CJ
170
pF
Rating for Fusing, t<10ms (TA=25
oC)
i
2t
12.5
A
2s
Thermal Resistance Junction to Ambient Air
RθJA
30
°C/W
Thermal Resistance Junction to Lead
RθJL
15
°C/W
Operating Junction Temperature Range
TJ
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
ESD Protection Voltage
VESD
12
KV


Similar Part No. - HSR220

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HSR20F JLWORLD-HSR20F Datasheet
67Kb / 1P
SPEAKER SOUND GENERATORS
HSR20L JLWORLD-HSR20L Datasheet
1Mb / 1P
Specification for other impedance is available upon request
HSR20L-150 JLWORLD-HSR20L-150 Datasheet
1Mb / 1P
Specification for other impedance is available upon request
HSR23C JLWORLD-HSR23C Datasheet
68Kb / 1P
SPEAKER SOUND GENERATORS
HSR25A JLWORLD-HSR25A Datasheet
56Kb / 1P
SPEAKER SOUND GENERATORS
More results

Similar Description - HSR220

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
HSR320 HSMC-HSR320 Datasheet
65Kb / 3P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 3A)
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
logo
Leshan Radio Company
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB120-E LRC-SB120-E Datasheet
181Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB320 LRC-SB320_11 Datasheet
285Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
AiT Semiconductor Inc.
DS210W AITSEMI-DS210W Datasheet
648Kb / 6P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2A
REV1.0
DS22W AITSEMI-DS22W Datasheet
648Kb / 6P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2A
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com