Electronic Components Datasheet Search
  English  ▼

X  

PLED508U Datasheet(PDF) 1 Page - Protek Devices

Part # PLED508U
Description  UNIDIRECTIONAL TVS DIE FOR ESD PROTECTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLED508U Datasheet(HTML) 1 Page - Protek Devices

  PLED508U Datasheet HTML 1Page - Protek Devices PLED508U Datasheet HTML 2Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05387.R2 9/12
Page 1
PLED508U
UniDiREctionaL tvs DiE foR EsD PRotEction
ELEctRicaL chaRactERistics @ 25°c
PaRt
nUMBER
MiniMUM
BREaKDoWn
voLtaGE
@ 1ma
v
(BR)
voLts
stanD-off
voLtaGE
v
WM
voLts
MaxiMUM
LEaKaGE
cURREnt
@4v
i
D
µa
thicKnEss
mils
BacKMEtaL toPMEtaL
PLED508U
6.0
5.0
0.1
6
Ti/Ni/Ag
Al/Cu
PIN CONFIGURATION
MASK OUTLINE
Controlling Dimension: Inches
0.005”
0.0065” TYP
0.005” 0.0065” TYP


Similar Part No. - PLED508U

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLED508 PROTEC-PLED508 Datasheet
299Kb / 2P
BIDIRECTIONAL TVS DIE
More results

Similar Description - PLED508U

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1010 LITTELFUSE-SP1010 Datasheet
957Kb / 6P
3.5pF Unidirectional TVS Array for ESD Protection
SP1010 LITTELFUSE-SP1010_10 Datasheet
399Kb / 5P
SPA??Silicon Protection Array Products 3.5pF Unidirectional TVS Array for ESD Protection
logo
Protek Devices
PLED511U PROTEC-PLED511U Datasheet
399Kb / 2P
UNIDIRECTIONAL TVS DIE FOR ESD PROTECTION
logo
NXP Semiconductors
PESD36VS1UL NXP-PESD36VS1UL Datasheet
502Kb / 11P
Unidirectional ESD protection diode
Rev. 1-5 March 2012
PESD24VS1ULD PHILIPS-PESD24VS1ULD Datasheet
312Kb / 12P
Unidirectional ESD protection diode
Rev. 1-19 October 2010
PESD12VS1ULD PHILIPS-PESD12VS1ULD_15 Datasheet
309Kb / 12P
Unidirectional ESD protection diode
Rev. 1-11 May 2011
PESD15VS1ULD PHILIPS-PESD15VS1ULD Datasheet
307Kb / 12P
Unidirectional ESD protection diode
Rev. 1-11 May 2011
logo
Protek Devices
PLED0811PU PROTEC-PLED0811PU Datasheet
296Kb / 2P
UNIDIRECTIONAL TVS DIE FOR ESD PROTECTION
logo
Nexperia B.V. All right...
PESD24VS1UA NEXPERIA-PESD24VS1UA Datasheet
987Kb / 13P
Unidirectional ESD protection diode
logo
AiT Semiconductor Inc.
ESD5Z2.5 AITSEMI-ESD5Z2.5 Datasheet
492Kb / 7P
ESD PROTECTION ESD UNIDIRECTIONAL
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com