Electronic Components Datasheet Search
  English  ▼

X  

D1267 Datasheet(PDF) 4 Page - Sony Corporation

Part # D1267
Description  CCD Vertical Clock Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

D1267 Datasheet(HTML) 4 Page - Sony Corporation

  D1267 Datasheet HTML 1Page - Sony Corporation D1267 Datasheet HTML 2Page - Sony Corporation D1267 Datasheet HTML 3Page - Sony Corporation D1267 Datasheet HTML 4Page - Sony Corporation D1267 Datasheet HTML 5Page - Sony Corporation D1267 Datasheet HTML 6Page - Sony Corporation D1267 Datasheet HTML 7Page - Sony Corporation D1267 Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
– 4 –
CXD1267AN
Switching Characteristics
(VH = 15V, VM = GND, VL = –8.5V)
Item
Propagation delay time
Propagation delay time
Propagation delay time
Propagation delay time
Propagation delay time
Propagation delay time
Rise time
Rise time
Rise time
Fall time
Fall time
Fall time
Charge pump boosting time
Output noise voltage
Output noise voltage
Output noise voltage
Output noise voltage
TPLM
TPMH
TPLH
TPML
TPHM
TPHL
TTLM
TTMH
TTLH
TTML
TTHM
TTHL
TC
VCLH
VCLL
VCMH
VCML
∗1
∗1
∗1
∗1
∗1
∗1
VL
→ VM∗1
VM
→ VH∗1
VL
→ VH∗1
VM
→ VL∗1
VH
→ VM∗1
VH
→ VL∗1
∗2
∗3
∗3
∗3
∗3
30
30
30
50
50
50
360
330
30
180
330
24
—
—
—
—
—
50
50
50
80
80
80
600
550
50
300
550
40
—
—
—
—
—
75
75
75
120
120
120
900
770
75
500
770
60
10
0.5
0.5
0.5
0.5
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ms
V
V
V
V
Symbol
Conditions
Min.
Typ.
Max.
Unit
∗1 See Response of Voltage Pulse.
∗2 CP1 = 0.1µF, CP2 = 0.1µF, V
CPP3
= 20V; boosting time after all power supplies rose.
∗3 See Noise on a Waveform.
Note) Each item is evaluated by Measurement Circuit.
Notes on Operation (See Application Circuit.)
1. Be sure to protect against static electricity because this IC is MOS structure.
2. A bypass capacitor is connected between each power supply (VH, VL) and GND.
3. To prevent latch-up, use a capacitor of 0.1µF (CP1, CP2) for charge pump.
Insert a silicon diode (D2) between CPP3 and CPP1.
4. In order to protect CCD image sensor, pre-clamp is requested prior to clamp by DCOUT.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com