Electronic Components Datasheet Search
  English  ▼

X  

MPXV2053GP Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPXV2053GP
Description  50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV2053GP Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPXV2053GP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV2053GP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV2053GP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV2053GP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV2053GP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV2053GP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV2053GP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV2053GP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV2053GP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MPX2053
Sensors
3
Freescale Semiconductor, Inc.
Pressure
Operating Characteristics
Maximum Ratings
Table 1. Operating Characteristics (VS = 10 VDC, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Units
Pressure Range(1)
1. 1.0 kPa (kiloPascal) equals 0.145 psi.
POP
0
—
50
kPa
Supply Voltage(2)
2. Device is ratiometric within this specified excitation range. Operating the device above the specified excitation range may induce additional
error due to device self-heating.
VS
—
10
16
VDC
Supply Current
IO
—
6.0
—
mAdc
Full Scale Span(3)
3. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
VFS
38.5
40
41.5
mV
Offset(4)
4. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
—
–1.0
—
1.0
mV
Sensitivity
—
V/P—
0.8
—
Non-Linearity
—
–0.6
—
0.4
%VFS
Pressure Hysteresis (0 to 50 kPa)
—
—
0.1
—
%VFS
Temperature Hysteresis (-40° to 125°C)
—
—
0.5
—
%VFS
Temperature Coefficient of Full Scale
TCVFS
–2.0
—
2.0
%VFS
Temperature Coefficient of Offset
TCVOFF
–1.0
—
1.0
mV
Input Impedance
ZIN
1000
—
2500
Output Impedance
ZOUT
1400
—
3000
Response Time(5) (10% to 90%)
5. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to a
specified step change in pressure.
tR
—
1.0
—
ms
Warm-Up Time
—
—
20
—
ms
Offset Stability(6)
6. Offset stability is the product's output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.
—
—
0.5
—
%VFS
Table 2. Maximum Ratings(1)
Rating
Max Value
Unit
Supply Voltage
16
V
Pressure (P1 > P2)
200
kPa
Storage Temperature
–40 to +125
C
Operating Temperature Range
–40 to +125
C
1. Exposure beyond the specified limits may cause permanent damage or degradation to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com