Electronic Components Datasheet Search
  English  ▼

X  

2SC6125 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC6125
Description  High-Speed Switching Applications Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6125 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC6125 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6125 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6125 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6125 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6125 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC6125
2009-09-24
4
Curves should be applied in thermal limited area.
Single nonrepetitive pulse Ta
= 25°C
Mounted on an FR4 board
(glass epoxy, 1.6 mm thick, Cu area: 645 mm
2)
1
10
100
0.001
0.01
0.1
1
100
10
1000
Pulse width
tw (s)
rth(j-a)-tw
1000
VCE – IB
Base current
IB (mA)
Common emitter
Ta
= 25°C
Single pulse test
IC = 0.5 A
1
2
0.001
0.1
1
10
100
1000
0.01
1
Safe Operating Area
0.01
1
10
100
Collector-emitter voltage
VCE (V)
10
0.01
0.1
1
100
VCEO MAX
DC operation
Ta=25℃
100ms*
100μs*
1ms*
10ms*
IC max (pulsed)*
10μs*
IC max (continuous)
*:Single nonrepetitive pulse Ta = 25°C
Note that the curves for 10ms, 100 ms,
and DC operation will be different when the
devices aren’t mounted on an FR4 board (glass
epoxy, 1.6 mm thick, Cu area:645 mm2).
These characteristic curves must be derated
linearly with increase in temperature.
0.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com