Electronic Components Datasheet Search
  English  ▼

X  

CXD1807Q Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD1807Q
Description  CD-G Decoder
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1807Q Datasheet(HTML) 5 Page - Sony Corporation

  CXD1807Q Datasheet HTML 1Page - Sony Corporation CXD1807Q Datasheet HTML 2Page - Sony Corporation CXD1807Q Datasheet HTML 3Page - Sony Corporation CXD1807Q Datasheet HTML 4Page - Sony Corporation CXD1807Q Datasheet HTML 5Page - Sony Corporation CXD1807Q Datasheet HTML 6Page - Sony Corporation CXD1807Q Datasheet HTML 7Page - Sony Corporation CXD1807Q Datasheet HTML 8Page - Sony Corporation CXD1807Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
– 5 –
CXD1807Q
Pin
No.
72
73
74
75
76
77
78
79
80
AVDD2
GOUT
AVSS2
VB
AVDD3
BOUT
AVSS3
N.C.
FSC1
—
O
—
O
—
O
—
—
O
Analog power supply for G channel/DA converter
Analog green signal output
Analog ground for G channel/DA converter
Connect GND through an approximately 0.1µF capacitor.
Analog power supply for B channel/DA converter
Analog blue signal output
Analog ground for B channel/DA converter
3.58MHz (NTSC), 4.43MHz (PAL) clock output (sub carrier clock signal)
Sumbol
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com