Electronic Components Datasheet Search
  English  ▼

X  

PP0640SA Datasheet(PDF) 3 Page - Protek Devices

Part # PP0640SA
Description  THYRISTOR SURGE SUPPRESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PP0640SA Datasheet(HTML) 3 Page - Protek Devices

  PP0640SA Datasheet HTML 1Page - Protek Devices PP0640SA Datasheet HTML 2Page - Protek Devices PP0640SA Datasheet HTML 3Page - Protek Devices PP0640SA Datasheet HTML 4Page - Protek Devices PP0640SA Datasheet HTML 5Page - Protek Devices PP0640SA Datasheet HTML 6Page - Protek Devices PP0640SA Datasheet HTML 7Page - Protek Devices PP0640SA Datasheet HTML 8Page - Protek Devices PP0640SA Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05081.R12 10/12
Page 3
PP0640SA - PP3500SC
TyPiCAl DeViCe ChARACTeRiSTiCS
eleCTRiCAl ChARACTeRiSTiCS PeR line @ 25°C unless otherwise Specified
PART
numbeR
DeViCe
mARking
RePeTiTiVe
PeAk
oFF-STATe
VolTAge
V
DRm
VolTS
SWiTChing
VolTAge
@100V/µs
V
S
VolTS
minimum
holDing
CuRRenT
(Fig. 7)
di/dt = 1A/ms
i
h
mA
SWiTChing
CuRRenT
iS
mA
mAXimum
oFF-STATe
CuRRenT
(Fig. 4)
@V
DRm
i
DRm
µA
mAXimum
on-STATe
VolTAge
(Fig. 5)
@i
T
V
T
VolTS
on-STATe
CuRRenT
i
T
AmPS
TyPiCAl
CAPACiTAnCe
(note 1)
@2V, 1mhz
C
pF
PP0640SA
GC
58
77
150
800
5
4
2.2
60
PP0720SA
GD
65
88
150
800
5
4
2.2
60
PP0800SA
GE
75
98
150
800
5
4
2.2
60
PP1100SA
GF
90
130
150
800
5
4
2.2
60
PP1300SA
GG
120
160
150
800
5
4
2.2
40
PP1500SA
GH
140
180
150
800
5
4
2.2
40
PP1800SA
GI
160
220
150
800
5
4
2.2
40
PP2300SA
GJ
190
260
150
800
5
4
2.2
30
PP2600SA
GK
220
300
150
800
5
4
2.2
30
PP3100SA
GL
275
350
150
800
5
4
2.2
30
PP3500SA
GM
300
400
150
800
5
4
2.2
30
PP0300SB
GN
25
40
50
800
5
4
2.2
110
PP0640SB
GP
58
77
150
800
5
4
2.2
60
PP0720SB
GQ
65
88
150
800
5
4
2.2
60
PP0800SB
GR
75
98
150
800
5
4
2.2
60
PP1100SB
GS
90
130
150
800
5
4
2.2
60
PP1300SB
GT
120
160
150
800
5
4
2.2
40
PP1500SB
GU
140
180
150
800
5
4
2.2
40
PP1800SB
GV
160
220
150
800
5
4
2.2
40
PP2300SB
GW
190
260
150
800
5
4
2.2
30
PP2600SB
GX
220
300
150
800
5
4
2.2
30
PP3100SB
GY
275
350
150
800
5
4
2.2
30
PP3500SB
GZ
300
400
150
800
5
4
2.2
30
PP0640SC
HC
58
77
150
800
5
4
2.2
120
PP0720SC
HD
65
88
150
800
5
4
2.2
120
PP0800SC
HE
75
98
150
800
5
4
2.2
120
PP1100SC
HF
90
130
150
800
5
4
2.2
120
PP1300SC
HG
120
160
150
800
5
4
2.2
80
PP1500SC
HH
140
180
150
800
5
4
2.2
80
PP1800SC
HI
160
220
150
800
5
4
2.2
80
PP2300SC
HJ
190
260
150
800
5
4
2.2
60
PP2600SC
HK
220
300
150
800
5
4
2.2
60
PP3100SC
HL
275
350
150
800
5
4
2.2
60
PP3500SC
HM
300
400
150
800
5
4
2.2
60
noTeS
1. Capacitance imblance between positive and negative polarities is typically < 15pF.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com