Electronic Components Datasheet Search
  English  ▼

X  

ZSC31014 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # ZSC31014
Description  Digital Output Sensor Signal Conditioner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZSC31014 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  ZSC31014 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZSC31014 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZSC31014
RBiciLite
TM Digital Output Sensor Signal Conditioner
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 1.53
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
The information furnished in this publication is subject to changes without notice.
Vsupply
(2.7V to 5.5V)
GND
0.1µF
VSS
VDD
BSINK
INT/SS
VBP
SDA/MISO
VBN
SCL/SCLK
ZSC31014
Brief Description
The ZSC31014 RBiciLite™ is a CMOS integrated cir-
cuit for highly accurate amplification and analog-to-
digital conversion of differential and half-bridge input
signals. The RBiciLite™ can compensate the mea-
sured signal for offset, 1
st and 2nd order span, and 1st
and 2
nd order temperature (Tco and Tcg). It is well-
suited for sensor-specific correction of bridge sen-
sors.
Digital
compensation
of
signal
offset,
sensitivity, temperature drift, and non-linearity is
accomplished via an internal digital signal processor
running
a
correction
algorithm
with
calibration
coefficients stored in a non-volatile EEPROM.
The RBiciLite™ is adjustable to nearly all piezo-resis-
tive bridge sensors. Measured and corrected bridge
values are provided at digital output pins, which can
be configured as I
2C™* or SPI. The digital I2C™
interface can be used for a simple PC-controlled cal-
ibration procedure to program calibration coefficients
into an on-chip EEPROM. The calibrated RBiciLite™
and a specific sensor are mated digitally: fast,
precise, and without the cost overhead associated
with trimming by external devices or laser trimming.
Integrated diagnostics functions make the RBiciLite™
particularly well-suited for safety-critical applications.
Features
High accuracy (±0.1% FSO @ -25 to +85°C;
±0.25% FSO @ -40 to +125°C)
2
nd order charge-balancing analog-to-digital
converter provides low noise, 14-bit data at
sample rates exceeding 2kHz
Fast power-up to data output response: 3ms
at 4MHz
Digital compensation of sensor offset, sensitivity,
temperature drift, and non-linearity
Eight programmable analog gain settings com-
bine with a digital gain term; accommodates
bridges with spans <1mV/V and high offset
Internal or optional external temperature com-
pensation for sensor correction and for corrected
temperature output
48-bit customer ID field for module traceability
* I
2C is a trademark of NXP.
Benefits
Simple PC-controlled configuration and single-
pass digital calibration via I
2C™ interface – quick
and precise; SPI option for measurement mode
Eliminates need for external trimming
components
On-chip diagnostic features add safety to the
application (e.g., EEPROM signature, bridge
connection checks, bridge short detection).
Low-power Sleep Mode lengthens battery life
Enables multiple sensor networks
Available Support
Evaluation Kit
Application Notes
Mass Calibration Solution
Physical Characteristics
Wide supply voltage capability: 2.7V to 5.5V
Current consumption as low as 70μA depending
on programmed sample rate
Low-power Sleep Mode (<2μA @ 25°C)
Operation temperature: -40°C to +125°C
Small SOP8 package
ZSC31014 Application: I
2C™ Interface, Low-Power
Bsink Option, Internal Temperature Correction


Similar Part No. - ZSC31014

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSC31014 IDT-ZSC31014 Datasheet
706Kb / 58P
Digital Output Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31014 RENESAS-ZSC31014 Datasheet
1Mb / 59P
RBicilite??Digital Output Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31014EAB IDT-ZSC31014EAB Datasheet
706Kb / 58P
Digital Output Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31014EAB RENESAS-ZSC31014EAB Datasheet
1Mb / 59P
RBicilite??Digital Output Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31014EAC IDT-ZSC31014EAC Datasheet
706Kb / 58P
Digital Output Sensor Signal Conditioner
More results

Similar Description - ZSC31014

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
Sensor Signal Conditioner
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31014 IDT-ZSC31014 Datasheet
706Kb / 58P
Digital Output Sensor Signal Conditioner
ZSC31010 IDT-ZSC31010 Datasheet
436Kb / 43P
Analog Output Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSC31010 RENESAS-ZSC31010 Datasheet
575Kb / 44P
RBicLiteTM Analog Output Sensor Signal Conditioner
ZSC31014 RENESAS-ZSC31014 Datasheet
1Mb / 59P
RBicilite??Digital Output Sensor Signal Conditioner
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
Automotive Sensor Signal Conditioner with Analog Output
ZSSC4151C RENESAS-ZSSC4151C Datasheet
1Mb / 33P
Automotive Sensor Signal Conditioner with Analog Output
March 25, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com