Electronic Components Datasheet Search
  English  ▼

X  

PSD15C Datasheet(PDF) 5 Page - Protek Devices

Part # PSD15C
Description  HIGH POWERED TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSD15C Datasheet(HTML) 5 Page - Protek Devices

  PSD15C Datasheet HTML 1Page - Protek Devices PSD15C Datasheet HTML 2Page - Protek Devices PSD15C Datasheet HTML 3Page - Protek Devices PSD15C Datasheet HTML 4Page - Protek Devices PSD15C Datasheet HTML 5Page - Protek Devices PSD15C Datasheet HTML 6Page - Protek Devices PSD15C Datasheet HTML 7Page - Protek Devices PSD15C Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05118.R14 10/12
Page 5
PSD03 - PSD36C
SPiCe MoDel
FiguRe 1
SPiCe MoDel FoR
TABle 1 - SPiCe PARAMeTeRS
PARAMeTeR
uniT
ABD(TVS)
BV
V
See Table 2
IBV
µA
1
C
jo
pF
See Table 2
I
S
A
See Table 2
Vj
V
0.6
M
-
0.33
N
-
1
R
S
Ohms
See Table 2
TT
s
1E-8
EG
eV
1.11
TABle 2 - ABD SPeCiFiC SPiCe PARAMeTeRS
PART nuMBeR
B
V(VolTS)
C
jo(pF)
i
S (AMPS)
R
s(ohMS)
PSD03
4.0
438
1E-11
0.21
PSD05
6.0
284
1E-11
0.14
PSD08
8.5
146
1E-11
0.28
PSD12
13.3
123
1E-13
0.40
PSD15
16.7
102
1E-13
0.52
PSD24
26.7
61
1E-13
1.54
PSD03C
4.5
219
1E-11
0.21
PSD05C
6.0
142
1E-11
0.14
PSD08C
8.5
73
1E-11
0.28
PSD12C
13.3
62
1E-13
0.40
PSD15C
16.7
51
1E-13
0.52
PSD24C
26.7
30
1E-13
1.54
ABD - Avalanche Breakdown Diode (TVS)
Lg - Lead Inductance
ABD
ABD
Lg
0.5nH
ABD
Lg
0.55nH
UNIDIRECTIONAL
BIDIRECTIONAL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com