Electronic Components Datasheet Search
  English  ▼

X  

RN1113ACT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN1113ACT
Description  Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1113ACT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN1113ACT Datasheet HTML 1Page - Toshiba Semiconductor RN1113ACT Datasheet HTML 2Page - Toshiba Semiconductor RN1113ACT Datasheet HTML 3Page - Toshiba Semiconductor RN1113ACT Datasheet HTML 4Page - Toshiba Semiconductor RN1113ACT Datasheet HTML 5Page - Toshiba Semiconductor RN1113ACT Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RN1112ACT, RN1113ACT
2009-04-13
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
RN1112ACT,RN1113ACT
Switching Applications
Inverter Circuit Applications
Interface Circuit Applications
Driver Circuit Applications
• Incorporating a bias resistor into a transistor reduces the number of parts,
which enables the manufacture of ever more compact equipment and
saves assembly cost.
• Complementary to RN2112ACT, RN2113ACT
Equivalent Circuit and Bias Resistor Values
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
80
mA
Collector power dissipation
PC (Note1)
100
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note1: Mounted on FR4 board (10 mm
× 10 mm × 1 mmt)
Note2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
•
Unit: mm
3
12
0.35±0.02
0.15±0.03
0.5±0.03
0.6±0.05
0.05±0.03
JEDEC
―
JEITA
―
TOSHIBA
2-1J1A
Weight:0.75 mg (typ.)
CST3
1.BASE
2.EMITTER
3.COLLECOTR


Similar Part No. - RN1113ACT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1113 TOSHIBA-RN1113 Datasheet
267Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1113 TOSHIBA-RN1113 Datasheet
278Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1113CT TOSHIBA-RN1113CT Datasheet
160Kb / 6P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1113F TOSHIBA-RN1113F Datasheet
166Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
07-Jun-2001
RN1113FT TOSHIBA-RN1113FT Datasheet
113Kb / 3P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
More results

Similar Description - RN1113ACT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN47A7JE TOSHIBA-RN47A7JE Datasheet
229Kb / 7P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN49A6FS TOSHIBA-RN49A6FS Datasheet
164Kb / 6P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN49J2FS TOSHIBA-RN49J2FS Datasheet
175Kb / 6P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN49J7FS TOSHIBA-RN49J7FS Datasheet
137Kb / 4P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1101CT TOSHIBA-RN1101CT Datasheet
173Kb / 8P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1112CT TOSHIBA-RN1112CT Datasheet
160Kb / 6P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1673 TOSHIBA-RN1673 Datasheet
217Kb / 4P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN1967CT TOSHIBA-RN1967CT Datasheet
154Kb / 6P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN2131MFV TOSHIBA-RN2131MFV Datasheet
171Kb / 6P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
RN2961CT TOSHIBA-RN2961CT Datasheet
219Kb / 8P
Switching Applications Inverter Circuit Applications Interface Circuit Applications Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com