Electronic Components Datasheet Search
  English  ▼

X  

LT3023 Datasheet(PDF) 28 Page - Linear Technology

Part # LT3023
Description  1.5A Low Noise Fast Transient Response LDO Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3023 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT3023 Datasheet HTML 20Page - Linear Technology LT3023 Datasheet HTML 21Page - Linear Technology LT3023 Datasheet HTML 22Page - Linear Technology LT3023 Datasheet HTML 23Page - Linear Technology LT3023 Datasheet HTML 24Page - Linear Technology LT3023 Datasheet HTML 25Page - Linear Technology LT3023 Datasheet HTML 26Page - Linear Technology LT3023 Datasheet HTML 27Page - Linear Technology LT3023 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LT1963A Series
28
1963afe
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2005
LT 0211 REV E • PRINTED IN USA
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LT1175
500mA, Micropower, Negative LDO
VIN: –20V to –4.3V, VOUT(MIN) = –3.8V, VDO = 0.50V, IQ = 45µA, ISD 10µA,
DD, SOT-223, PDIP8 Packages
LT1185
3A, Negative LDO
VIN: –35V to –4.2V, VOUT(MIN) = –2.40V, VDO = 0.80V, IQ = 2.5mA, ISD <1µA,
TO220-5 Package
LT1761
100mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 20µA, ISD <1µA
ThinSOT™ Package
LT1762
150mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 25µA, ISD <1µA, MS8 Package
LT1763
500mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 30µA, ISD <1µA, S8 Package
LT1764/
LT1764A
3A, Low Noise, Fast Transient Response,
LDO
VIN: 2.7V to 20V, VOUT(MIN) = 1.21V, VDO = 0.34V, IQ = 1mA, ISD <1µA,
DD, TO220 Packages
LTC1844
150mA, Very Low Drop-Out LDO
VIN: 6.5V to 1.6V, VOUT(MIN) = 1.25V, VDO = 0.08V, IQ = 40µA, ISD < 1µA,
ThinSOT Package
LT1962
300mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.27V, IQ = 30µA, ISD <1µA, MS8 Package
LT1964
200mA, Low Noise Micropower,
Negative LDO
VIN: –0.9V to –20V, VOUT(MIN) = –1.21V, VDO = 0.34V, IQ = 30µA, ISD 3µA,
ThinSOT Package
LT1965
1.1A, Low Noise, Low Dropout Linear
Regulator
290mV Dropout Voltage, Low Noise: 40µVRMS, VIN: 1.8V to 20V, VOUT: 1.2V to 19.5V,
stable with ceramic caps, TO-220, DD-Pak, MSOP and 3mm
× 3mm DFN Packages
LT3020
100mA, Low Voltage VLDO,
VIN(MIN) = 0.9V
VIN: 0.9V to 10V, VOUT(MIN) = 0.20, VDO = 0.15V, IQ = 120µA, ISD <3µA,
DFN, MS8 Packages
LT3023
Dual, 2x 100mA, Low Noise
Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 40µA, ISD <1µA,
DFN, MS10 Packages
LT3024
Dual, 100mA/500mA, Low Noise
Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 60µA, ISD <1µA,
DFN, TSSOP Packages
LT3080/
LT3080-1
1.1A, Parallelable, Low Noise, Low
Dropout Linear Regulator
300mV Dropout Voltage (2-Supply Operation), Low Noise: 40µVRMS, VIN: 1.2V to 36V,
VOUT: 0V to 35.7V, current-based reference with 1-resistor VOUT set; directly parallelable
(no op amp required), stable with ceramic caps, TO-220, SOT-223, MSOP and 3mm
× 3mm
DFN Packages; “–1” version has integrated internal ballast resistor
+
LT1004-1.2
VIN > 2.7V
C1
10µF
R3
2k
R1
1k
R2
80.6k
R4
2.2k
R5
0.01
R6
2.2k
LT1963A-1.8
IN
SHDN
OUT
FB
GND
–
+
1/2
LT1366
R8
100k
LOAD
R7
470
2
1
8
3
4
C3
1µF
C2
3.3µF
1963A TA04
NOTE: ADJUST R1 FOR
0A TO 1.5A CONSTANT CURRENT
Adjustable Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com