Electronic Components Datasheet Search
  English  ▼

X  

BL8588 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8588
Description  High Efficiency Charge Pump 4-Channels LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8588 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8588 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8588 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8588 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8588 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8588 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8588 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8588 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8588 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.belling.com.cn
1
High Efficiency 1
××××/1.5×××× Charge Pump 4-Channels LED Driver
BL8588
DESCRIPTION
BL8588 is a low noise, high efficiency, and
constant frequency charge pump DC/DC
converter for white LED application. The
operation frequency is 1MHz.
BL8588 works in load switch (1
×) and
fractional (1.5
×) modes with four independent
control outputs, each channel can provide
20mA constant current precisely from a 2.8V
to 5.5V supply. Only two external 1
µF and
two 0.47
µF capacitors are required to build a
compact and low-cost power supply solution.
BL8588 uses EN pin for simple on/off control
and single wire serial pulse dimming in 16
steps.
A
low
current
shutdown
feature
disconnects the load from VIN and reduces
quiescent current to less than 1µA.
FEATURES
• Input range: 2.8-5.5V
• ±1% LED current accuracy
• 20mA driver capacity each channel
• Auto 1×/1.5× mode switchover
• PWM dimming control
• Serial-pulse dimming control in linear 16
steps
• Short-circuit protection
• Thermal shutdown
• 1MHz constant switching frequency
• 3mm×3mm QFN package
APPLICATION
• Programmable Current Sinks
• White LED Backlighting
• Cell Phones and Smart phones
•
PDAs, Digital Cameras, and Camcorders
•
Color (RGB) Lighting
TYPICAL APPLICATION CIRCUIT
BL8588


Similar Part No. - BL8588

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8580 BELLING-BL8580 Datasheet
283Kb / 7P
CMOS based White/Blue LED driver
BL8580/1 BELLING-BL8580/1 Datasheet
283Kb / 7P
CMOS based White/Blue LED driver
BL8580PRC BELLING-BL8580PRC Datasheet
283Kb / 7P
CMOS based White/Blue LED driver
BL8581A BELLING-BL8581A Datasheet
392Kb / 7P
PWM or Singl-Wire Dimming, 4-Channels WLED Linear Driver
BL8581PS BELLING-BL8581PS Datasheet
283Kb / 7P
CMOS based White/Blue LED driver
More results

Similar Description - BL8588

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5910 GMT-G5910 Datasheet
448Kb / 10P
High-Efficiency White LED Charge Pump
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
6-Channel High Efficiency Charge Pump White LED Driver
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
High Efficiency Charge Pump White LED Driver
logo
Monolithic Power System...
MP1519 MPS-MP1519 Datasheet
211Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 4 White LED Driver
logo
Advanced Analog Technol...
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
4-Channel Charge-Pump LED Driver
2008.09.1.0
logo
SHANGHAI BELLING CO., L...
BL8587 BELLING-BL8587 Datasheet
283Kb / 8P
High Efficiency Charge Pump 4-Channels LED Driver
logo
Richtek Technology Corp...
RT9363A RICHTEK-RT9363A Datasheet
184Kb / 11P
3 Channels 90mA x1/x2 Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
High Efficiency Charge Pump White LED Driver
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
High-Efficiency White LED Charge Pump
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com