Electronic Components Datasheet Search
  English  ▼

X  

BL9580 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL9580
Description  High Brightness LED Driver with Internal Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9580 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL9580 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL9580 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL9580 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL9580 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL9580 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL9580 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL9580 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL9580 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9580 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PPMIC BU
www.belling.com.cn
BL9580 Rev 1.7
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
5/2010
©2010 Belling All Rights Reserved
2
BL9580
36V, 1.4A Step-down
High Brightness LED Driver with Internal Switch
Absolute Maximum Rating
(Note 1)
Input Supply Voltage (VIN)
-0.3V to +40V
ISENSE Voltage (VISENSE)
+0.3V to -5V
(Note2)
LX Output Voltage (VLX)
-0.3V to +40V
Adjust Pin Input Voltage (VADJ)
-0.3V to +6V
Switch Output Current (ILX)
1.7A
Maximum Junction Temperature
150°C
Operating Temperature Range
(Note3) -40°C to 125°C
Storage Temperature Range
-55°C to 150°C
Lead Temperature (Soldering, 10s)
300°C
Package Information
Thermal Resistance (Note 5):
Package
ӨJA
ӨJC
SOT89-5
160
°C/W
45°C/W
SOP-8
153
°C/W
39°C/W
Note 1:
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Note 2:
VISENSE measured respect to VIN。
Note 3:
The BL9580 is guaranteed to meet performance specifications from 0°C to 70°C. Specifications over the –40°C
to 125°C operating temperature range are assured by design, characterization and correlation with statistical
process controls.
Note 4:
The first row printed BL9580, the second row printed A Y W W. Y: Year of wafer manufacturing W: Week of
wafer manufacturing.
Y
9
A
B
C
D
Year
2009
2010
2011
2012
2013
W W
01
…
25
26
27
…
51
52
Week
1
…
25
26
27
…
51
52
Note 5:
Thermal Resistance is specified with approximately 1 square of 1 oz copper.
1
2
3
5
4
SOT89-5
TOP VIEW
ADJ
GND
LX
VIN
ISENSE
Part Number
Top Mark
Temp Range
BL9580
BL9580
(Note4)
A Y W W
-40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com