Electronic Components Datasheet Search
  English  ▼

X  

RN2961FS Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # RN2961FS
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2961FS Datasheet(HTML) 4 Page - Toshiba Semiconductor

  RN2961FS Datasheet HTML 1Page - Toshiba Semiconductor RN2961FS Datasheet HTML 2Page - Toshiba Semiconductor RN2961FS Datasheet HTML 3Page - Toshiba Semiconductor RN2961FS Datasheet HTML 4Page - Toshiba Semiconductor RN2961FS Datasheet HTML 5Page - Toshiba Semiconductor RN2961FS Datasheet HTML 6Page - Toshiba Semiconductor RN2961FS Datasheet HTML 7Page - Toshiba Semiconductor RN2961FS Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RN2961FS~RN2966FS
2007-11-01
4
(Q1,Q2 common)
IC - VI(OFF)
-10
-100
-1000
-10000
-0.4 -0.6 -0.8
-1
-1.2 -1.4 -1.6 -1.8
-2
INPUT VOLTAGE VI(OFF) ( V)
EMITTER COMMON
VCE= -5V
25
-25
RN2961FS
IC - VI(OFF)
-10
-100
-1000
-10000
-0.4 -0.6 -0.8
-1
-1.2 -1.4 -1.6 -1.8
-2
INPUT VOLTAGE VI(OFF) ( V)
EMITTER COMMON
VCE= -5V
25
IC - VI(OFF)
-10
-100
-1000
-10000
-0.4 -0.6 -0.8
-1
-1.2 -1.4 -1.6 -1.8
-2
INPUT VOLTAGE VI(OFF) ( V)
EMITTER COMMON
VCE= -5V
25
-25
RN2963FS
IC - VI(OFF)
-10
-100
-1000
-10000
-0.4 -0.6 -0.8
-1
-1.2 -1.4 -1.6 -1.8
-2
INPUT VOLTAGE VI(OFF) ( V)
EMITTER COMMON
VCE= -5V
25
-25
RN2964FS
IC - VI(OFF)
-10
-100
-1000
-10000
-0
-0.2
-0.4
-0.6
-0.8
-1
-1.2
-1.4
INPUT VOLTAGE VI(OFF) ( V)
EMITTER COMMON
VCE= -5V
-25
0
IC - VI(OFF)
-10
-100
-1000
-10000
-0
-0.2
-0.4
-0.6
-0.8
-1
-1.2
-1.4
INPUT VOLTAGE VI(OFF) ( V)
EMITTER COMMON
VCE= -5V
25
-25
RN2966FS
0
Ta=100°C
Ta=100°C
Ta=100°C
Ta=100°C
Ta=100°C
Ta=100°C
25
-25
RN2962FS
RN2965FS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com