Electronic Components Datasheet Search
  English  ▼

X  

CXD2085M Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD2085M
Description  ID-1 Detection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2085M Datasheet(HTML) 5 Page - Sony Corporation

  CXD2085M Datasheet HTML 1Page - Sony Corporation CXD2085M Datasheet HTML 2Page - Sony Corporation CXD2085M Datasheet HTML 3Page - Sony Corporation CXD2085M Datasheet HTML 4Page - Sony Corporation CXD2085M Datasheet HTML 5Page - Sony Corporation CXD2085M Datasheet HTML 6Page - Sony Corporation CXD2085M Datasheet HTML 7Page - Sony Corporation CXD2085M Datasheet HTML 8Page - Sony Corporation CXD2085M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
– 5 –
CXD2085M
1. Description of ID-1 (transmission system of additional video information, aspect ratio identification)
As shown in the table below, the additional video information consists of 14-bits data, and a 6-bit CRCC is
added to the data to form 20-bit data in total. This is carried on lines 20 and 283 in the vertical blanking area of
the NTSC video signal.
Table 1. Description of ID-1 signal
Bit No.
Description
1
2
3
4
5
6
4bits
4bits
Transmission aspect ratio
Screen display format
Not defined
Full-mode (16:9)
Letter-box
—
4:3
Normal
—
Identification information relating to the video signals and other signals (audio
signals, etc.) transmitted simultaneously with the video signals
Identification signal dependent on WORD0
Identification signal and other information dependent on WORD0
A
B
WORD0
WORD1
WORD2
"1"
"0"
(From the Provisional standard of EIAJ, CPX-1204)
In the CXD2085M, the above 14-bit data are obtained in the I2C bus for I2C bus mode. Also, first two bits only
can be output to OLBX (Pin 15) and O169 (Pin 16) set as the direct output pins.
2. Difference between ID-1 Data from the I2C Bus and Direct Output Pin
ID-1 decoding
Data validity determination
Direct pin outputs
OLBX, O169
To microcomputer
I2C
14
VBVLD
CXD2085M
2
As shown in the figure above, the data validity determination which detects that the valid ID signal is exist or
not, and the decoded result are obtained independently during ID-1 decoding. These two results are output to
the direct output pins after taking their logical AND.
Processing inside the microcomputer which has acquired the information from the I2C bus is performed either
by simply outputting this data directly to the pins or by taking the logical AND as above.
In addition, performing the processing when the data validity determination (VBVLD) is "1" and the decoding
results bits 1 and 2 are "0" allows the video to be identified as 4:3 video.
3. General-Purpose I/O Port Function
In I2C bus mode, the CXD2085M can use two pins OLBX (Pin 15) and O169 (Pin 16) as the general-purpose
I/O ports. The three types of setting are available; both two pins for inputs, for outputs, and one for input and
another for output. While resetting by XRST (Pin 1) in I2C bus mode, two pins are set as the general-purpose
input ports. Perform the power-on reset by XRST when there is a possibility that the IC external circuit and the
OLBX and O169 signals could collide. Be sure to set the OLBX and O169 pins as the output pins when they
are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com