Electronic Components Datasheet Search
  English  ▼

X  

BLV640 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BLV640
Description  N-channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BLV640 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BLV640 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BLV640 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BLV640 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BLV640 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BLV640 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BLV640 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
http://www.belling.com.cn
- 1 -
2008.08.08
Total 6 Pages
BLV640
N-channel Enhancement Mode Power MOSFET
• Avalanche Energy Specified
BVDSS
200V
• Fast Switching
RDS(ON)
0.18
Ω
Ω
Ω
Ω
• Simple Drive Requirements
ID
18A
Description
This advanced low voltage MOSFET is produced
using Belling’s proprietary MOS technology.
Designed for high efficiency switch mode power supply
.
Absolute Maximum Ratings ( T
C=25
oC unless otherwise noted )
Symbol
Parameter
Value
Units
VDS
Drain-Source Voltage
200
V
VGS
Gate-Source Voltage
+ 30
V
Continuous Drain Current
18
A
ID
Continuous Drain Current ( T
C=100
oC)
11
A
IDM
Drain Current (pulsed) (Note 1)
72
A
Power Dissipation
125
W
PD
Linear Derating Factor
1.0
W/
℃
EAS
Single Pulsed Avalanche Energy (Note2)
580
mJ
IAR
Avalanche Current
18
A
EAR
Repetitive Avalanche Energy
13
mJ
Tj
Operating Junction Temperature Range
-55 to +150
oC
TSDG
Storage Temperature Range
-55 to +150
oC
Thermal Characteristics
Symbol
Parameter
Value
Units
Rth j-c
Thermal Resistance, Junction to case
Max.
0.5
℃/ W
Rth j-a
Thermal Resistance, Junction to Ambient
Max.
62.5
℃/ W


Similar Part No. - BLV640

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BLV62 NJSEMI-BLV62 Datasheet
134Kb / 4P
UHF linear push-pull power transistor
logo
Estek Electronics Co. L...
BLV6N60 ESTEK-BLV6N60 Datasheet
408Kb / 6P
N-channel Enhancement Mode Power MOSFET
More results

Similar Description - BLV640

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com