Electronic Components Datasheet Search
  English  ▼

X  

CXD2131Q Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD2131Q
Description  Video Aspect Ratio Identification Signal Encoder/Decoder
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2131Q Datasheet(HTML) 5 Page - Sony Corporation

  CXD2131Q Datasheet HTML 1Page - Sony Corporation CXD2131Q Datasheet HTML 2Page - Sony Corporation CXD2131Q Datasheet HTML 3Page - Sony Corporation CXD2131Q Datasheet HTML 4Page - Sony Corporation CXD2131Q Datasheet HTML 5Page - Sony Corporation CXD2131Q Datasheet HTML 6Page - Sony Corporation CXD2131Q Datasheet HTML 7Page - Sony Corporation CXD2131Q Datasheet HTML 8Page - Sony Corporation CXD2131Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
– 5 –
CXD2131Q
Description of Pins and Electrical Characteristics
Analog Section
(VDD = 5.0V, VSS = 0V, Ta = 25°C)
Pin
No.
Symbol
Equivalent circuit
Description
24
25
AVDD
AVSS
24
ISET1
Bias setting pins.
Connect to AVDD with 33k
Ω.
25
ISET2
27
VIN11
Chip clamp, sync separation input.
29
VIN21
28
VIN12
Pedestal clamp, data slicer input.
30
VIN22
31
VIN3
Input/output pins for encoder.
ON resistance value between Pins 31 and 32:
max. 350
Ω.
32
26
1
VOUT
27
29
AVDD
AVSS
AVDD
AVSS
28
30
AVDD
AVSS
31
32
AVDD
AVSS
AVDD
AVSS
AVDD
AVSS
Not connected to digital power supply
(Pin 8) inside the IC.
Not connected to digital ground
(Pins 5 and 19) inside the IC.
Analog power supply.
Connect power supply low in noise from the
digital system.
Analog ground.
Connect to same potential as digital ground
(Pins 5 and 19).
clamp voltage
1.5V
clamp voltage
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com