Electronic Components Datasheet Search
  English  ▼

X  

BL8003 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8003
Description  550V INTEGRATED HALF ?밄RIDGE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8003 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8003 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8003 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8003 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8003 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8003 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8003 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8003 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8003 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.belling.com.cn
3
BL8003
Absolute Maximum Ratings
Symbol
Definition
Min.
Max.
Unit
Vcc
Low side and logic fixed supply voltage
-0.3
16
V
VB
High side floating absolute voltage
-0.3
550
V
Vs
High side floating supply offset voltage
VB-16
VB+0.3
V
PD
Package power dissipation @ TA
≤+25°C
0.625
W
RthJA
Thermal resistance, junction to ambient
200
°C/W
Recommended Operating Conditions
Symbol
Min.
Typ.
Max.
Units
VB
VS+10
VS+12
VS+16
V
VS
Note1
550
V
VHO
VS
VB
V
Vcc
10
12
16
V
VH
550
V
TA
-40
125
°C
Note1: Logic operational for VS of -5 to 550V.
Electrical Characteristics
VBIAS (VCC, VBS)=12V, unless specified noted.
Symbol
Definition
Min
Typ
Max
Unit
Test Conditions
VIH
Logic"1"(HIN)&"0"
(LIN) input voltage
3
V
Vcc=10 to 15V
VIL
Logic"0"(HIN)&"1"
(LIN) input voltage
1.5
V
Vcc=10 to 15V
VOH
High level output voltage, VBIAS-
VO
50
mV
IO=0A
VOL
Low level output Voltage, VO
50
mV
IO=0A
Vcc_uv+
Vcc supply undervoltage positive
going threshold
9.1
V
Vcc_uv-
Vcc supply undervoltage negtive
going threshold
8.3
V
IQCC
Quiescent VCC supply current
1.3
1.5
1.8
mA
IQBS
Quiescent VBS supply current
0
25
45
uA
ILK
Vs to GND leakage current
0
50
75
uA
Vs=550V
IO+
Peak source output current
80
150
mA
Vo=0V,VIN=VIH
IO-
Peak sink output current
150
200
Vo=12V, VIN=VIL
DT
Deadtime
650
700
750
nS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com