Electronic Components Datasheet Search
  English  ▼

X  

CXD2302Q Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD2302Q
Description  8-bit 50MSPS Video A/D Converter with Clamp Function
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2302Q Datasheet(HTML) 5 Page - Sony Corporation

  CXD2302Q Datasheet HTML 1Page - Sony Corporation CXD2302Q Datasheet HTML 2Page - Sony Corporation CXD2302Q Datasheet HTML 3Page - Sony Corporation CXD2302Q Datasheet HTML 4Page - Sony Corporation CXD2302Q Datasheet HTML 5Page - Sony Corporation CXD2302Q Datasheet HTML 6Page - Sony Corporation CXD2302Q Datasheet HTML 7Page - Sony Corporation CXD2302Q Datasheet HTML 8Page - Sony Corporation CXD2302Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
– 5 –
CXD2302Q
TPW1
TPW0
N
N + 1
N + 2
N + 3
N + 4
N + 1
N
N – 1
N – 2
N – 3
O: Analog signal sampling point
Clock 1.3V
Analog input
Data output
tpLH,
tpHL
1.3V
0.7DVDD
0.3DVDD
Clock
Data output
90%
10%
tr
4ns
tf
4ns
3V
0V
Timing Chart I-2.
3V
tr = 4.5ns
tf = 4.5ns
90%
10%
1.3V
tpZL
tpLZ
1.3V
tpZH
tpHZ
10%
90%
1.3V
0V
VOH
VOL (
≠ DVSS)
VOH (
≠ DVDD)
VOL
Output 2
Output 1
OE input
Timing Chart I-1.
Timing Chart I-3.
Digital output
The following table shows the relationship between analog input voltage and digital output code.
Input signal
voltage
Step
Digital output code
MSB
LSB
VRT
:
:
:
:
VRB
0
:
127
128
:
255
1 1 1 1 1 1 1 1
:
1 0 0 0 0 0 0 0
0 1 1 1 1 1 1 1
:
0 0 0 0 0 0 0 0
Timing Chart I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com