Electronic Components Datasheet Search
  English  ▼

X  

BL8530C Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8530C
Description  HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8530C Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8530C Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8530C Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8530C Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8530C Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8530C Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8530C Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8530C Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8530C Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8530C Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
http://www.belling.com.cn
- 3-
9/18/2006
Total 13 Pages
BL8530C
Vout pin filter capacitor
1
nF
Operating junction temperature
-20
85
℃
*Suggestion:
Use tantalum type capacitor to reduce the ripple of the output voltage. Use 1nF filter ceramic
type capacitor to connect Vout pin and GND pin. The filter capacitor is recommended as close as possible to
Vout pin and GND pin.
ELECTRICAL CHARACTERISTICS
Default condition(unless otherwise provided): Vin=0.6×Vout, Iout=10mA, Temperature=25℃, Use
external circuit in test circuit list
REFERENCE DATA
SYMBOL
ITEM
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
2.45
2.5
2.55
2.646
2.7
2.754
2.94
3.0
3.06
3.234
3.3
3.366
3.528
3.6
3.672
3.92
4.0
4.08
4.9
5.0
5.1
Vout
Output Voltage
5.88
6.0
6.12
V
Vin
Input Voltage
12
V
Iin
Input Current *
(no load)
Iout=0mA,
Vin=Vout*0.6
20
25
uA
IDD
Quiescent
current *
No external component,
Vout =Vout×1.05
6
8
uA
Istandby
Chip leakage
current
VCE=0V
1
uA
VCEH
CE “H” threshold
voltage
VCE:0→2V
0.6
0.9
V
VCEL
CE “L” threshold
voltage
VCE: 2→0V
0.3
0.6
V
Fosc
Oscillator
frequency
Vout=Vout*0.96
Test EXT pin frequency
300
350
400
Khz
ICEH
CE “H”
Vout=VCE=6V
-0.5
0
0.5
uA
ICEL
CE “L”
Vout=VCE=6V
-0.5
0
0.5
uA
3.0V<=Vout<=3.9V
-21
mA
4.0V<=Vout<=4.9V
-35
mA
IEXTH
EXT”H” output
current
5.0V<=Vout<=6.9V
-41
mA
3.0V<=Vout<=3.9V
23
mA
4.0V<=Vout<=4.9V
25
mA
IEXTL
EXT”H” output
current
5.0V<=Vout<=6.9V
31
mA
Duty
Oscillator duty
cycle
On(Vlx“L”)side
70
75
80
%
η
Efficiency
90
%
NOTE:
1、Diode:Schottky type, such as:1N5817, 1N5819, 1N5822
2、Inductor:27uH(R<0.5
Ω)
3、Output capacitor:100uF(Tantalum type)
4、Vout pin filter capacitor: 1nF(Ceramic type)
5、Input capacitor: 47uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com