Electronic Components Datasheet Search
  English  ▼

X  

BL8566 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8566
Description  Dual 300mA High PSRR LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8566 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8566 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8566 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8566 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8566 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8566 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8566 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8566 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.belling.com.cn
-
2 -
4/10/2008
Total 7 Pages
BL8566
Dual 300mA High PSRR Linear Regulator
MARKING DESCRIPTION
L
: Product Code
X: Output Voltage
Code
Vout1
Vout2
Code
Vout1
Vout2
B
1.5V
2.8V
N
2.8V
2.5V
C
1.5V
3.0V
O
2.8V
2.8V
D
1.5V
3.3V
P
2.8V
3.0V
E
1.5V
4.0V
Q
3.0V
2.5V
G
1.8V
2.5V
R
3.0V
3.0V
H
1.8V
2.8V
S
3.0V
3.3V
I
1.8V
3.0V
T
3.3V
1.8V
J
1.8V
3.3V
V
3.3V
2.8V
M
2.8V
1.8V
PIN CONFIGURATION
Product Classification
BL8566-XXXX
Marking
L:Product Code
X:Output Voltage
LXZZ
ZZ:Data Code
Vss
Ground Pin
Vin
Supply Voltage Input
Vout1
CH1 Output Voltage
CE1
Chip Enable1
CE2
Chip Enable2
Vout2
CH2 Output Voltage
ABSOLUTE MAXIMUM RATING
Parameter
Value
Max Input Voltage
8V
Operating Junction
Temperature(Tj)
125
°C
Ambient Temperature(Ta)
-40
°C -85°C
Power
Dissipation
SOT-23-6
250mW
Storage Temperature(Ts)
-40
°C -150°C
Lead Temperature & Time
260
°C,10S
Note:
Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.
Z: The Year of manufacturing,”7” stands for year
2007,”8” stands for year 2008,and “ 0 ” stands for
year 2010.
Z: The week of manufacturing. ”A” stands for week
1,”Z” stands for week 26,” A ” stands for week 27,”
Z ” stands for week 52.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com