Electronic Components Datasheet Search
  English  ▼

X  

BL9310 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL9310
Description  1.5 MHz, 1A Synchronous Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9310 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL9310 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL9310 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL9310 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL9310 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL9310 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL9310 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL9310 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL9310 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9310 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PPMIC BU
www.belling.com.cn
BL9310 Rev 1.1
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
1/2011
©2011 Belling All Rights Reserved
2
BL9310
1.5 MHz, 1A Synchronous Buck Converter
Absolute Maximum Rating (Note 1)
Input Supply Voltage…………………-0.3V to +6V
RUN, VFB Voltages……………………-0.3V to +VIN
SW Voltages……………………-0.3V to (VIN+0.3V)
P-Channel Switch Source Current (DC) ……1.1A
N-Channel Switch Sink Current (DC) ……1.1A
Peak SW Sink and Source Current……………1.5A
Operating Temperature Range……-40°C to +85°C
Junction Temperature
(Note2) ………………+125°C
Storage Temperature Range………-65°C to +150°C
Lead Temperature (Soldering, 10s) ………+300°C
Package Information
Adjustable Output Version
Fixed Output Versions
Thermal Resistance (Note 4)
Package
JA
JC
TSOT23-5
220°C/W
110°C/W
SOT23-5
250°C/W
130°C/W
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Note 2:
TJ is calculated from the ambient temperature TA and power dissipation PD according to the following formula:
TJ = TA + (PD) x (220°C/W).
Note 3: I: Product Code Y: Year of Manufacturing W: Week of Manufacturing
Note 4: Thermal Resistance is specified with approximately 1 square of 1 oz copper.
1
2
3
5
4
SOT23-5
TOP VIEW
RUN
GND
SW
VFB
VIN
Part Number
Top Mark
Temp Range
BL9310-Adj
I J Y W
(Note3)
-40°C to +85°C
1
2
3
5
4
SOT23-5
TOP VIEW
RUN
GND
SW
VOUT
VIN
Part Number
Top Mark
Temp Range
BL9310-1.0
I A Y W
BL9310-1.2
I B Y W
BL9310-1.5
I C Y W
BL9310-1.8
I D Y W
BL9310-2.5
I E Y W
BL9310-3.3
I F Y W
-40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com