Electronic Components Datasheet Search
  English  ▼

X  

BL9328 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL9328
Description  1.5 MHz, Dual 800mA Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9328 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL9328 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL9328 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL9328 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL9328 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL9328 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL9328 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL9328 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL9328 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9328 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PPMIC BU
www.belling.com.cn
BL9328 Rev 0.3
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
6/2010
©2010 Belling All Rights Reserved
2
BL9328
1.5 MHz, Dual 800mA Synchronous Buck Converter
Absolute Maximum Rating (Note1)
Input Supply Voltage(IN1,IN2)………-0.3V to +6V
EN1,EN2,VFB1,VFB2 Voltages………-0.3V to +VIN
SW1,SW2 Voltages……………-0.3V to (VIN+0.3V)
P-Channel Switch Source Current (DC) ………1A
N-Channel Switch Sink Current (DC) …………1A
Peak SW Sink and Source Current……………1.4A
Operating Temperature Range……-40°C to +85°C
Junction Temperature
(Note2) ………………+125°C
Storage Temperature Range………-65°C to +150°C
Lead Temperature (Soldering, 10s) ………+300°C
Package Information
Y
9
A
B
C
D
Year
2009
2010
2011
2012
2013
W W
01
…
09
10
11
…
51
52
Week
1
…
9
10
11
…
51
52
Thermal Resistance (Note 4)
Package
ӨJA
ӨJC
ESOP-8
50
°C/W
10°C/W
Note 1:
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Note 2:
TJ is calculated from the ambient temperature TA and power dissipation PD according to the following formula:
TJ = TA + (PD) x (50°C/W).
Note 3:
A B: Package Type (A: ESOP-8-A, B: ESOP-8-B) Y: Year of wafer manufacturing W W: Week of wafer
manufacturing
Note 4:
Thermal Resistance is specified with approximately 1 square of 1 oz copper.
1
2
3
8
ESOP-8-A
IN1
SW1
IN2
FB1
9
GND
4
SW2
7 EN1
6 FB2
5
EN2
Part Number
Top Mark
Temp Range
BL9328
BL9328
A Y W W
(Note3)
-40°C to +85°C
1
2
3
8
ESOP-8-B
IN1
SW1
IN2
EN1
9
GND
4
SW2
7 FB1
6
EN2
5
FB2
Part Number
Top Mark
Temp Range
BL9328
BL9328
B Y W W
(Note3)
-40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com