Electronic Components Datasheet Search
  English  ▼

X  

1SS427 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS427
Description  Ultra-High Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS427 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS427 Datasheet HTML 1Page - Toshiba Semiconductor 1SS427 Datasheet HTML 2Page - Toshiba Semiconductor 1SS427 Datasheet HTML 3Page - Toshiba Semiconductor 1SS427 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1SS427
2008-01-30
1
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS427
Ultra-High Speed Switching Applications
2-pin compact package: Ideal for high-density mounting
Low forward voltage: VF (3) = 0.98 V (typ.)
Fast reverse recovery time: trr = 1.6 ns (typ.)
Small total capacitance: CT = 0.5 pF (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
85
V
Reverse voltage
VR
80
V
Maximum (peak) forward current
IFM
200
mA
Average forward current
IO
100
mA
Surge current (10 ms)
IFSM
1
A
Power dissipation
P
150 *
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to 150
°C
* : Mounted on a glass epoxy circuit board of 20 mm × 20 mm,
Cu pad dimension of 4 mm × 4 mm.
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VF (1)
―
IF = 1 mA
―
0.62
―
VF (2)
―
IF = 10 mA
―
0.75
―
Forward voltage
VF (3)
―
IF = 100 mA
―
0.98
1.20
V
IR (1)
―
VR = 30 V
―
―
0.1
Reverse current
IR (2)
―
VR = 80 V
―
―
0.5
μA
Total capacitance
CT
―
VR = 0, f = 1 MHz
―
0.5
―
pF
Reverse recovery time
trr
―
IF = 10 mA, Fig.1
―
1.6
―
ns
0.6±0.05
0.2
±0.05
0.07M
A
A
0.48+0.02
-0.03
0.1±0.05
JEDEC
―
JEITA
―
TOSHIBA
1-1L1A
Weight: 0.6 mg (typ.)
Unit: mm
fSC


Similar Part No. - 1SS427

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS427 TOSHIBA-1SS427_14 Datasheet
196Kb / 7P
Switching Diodes Silicon Epitaxial Planar
More results

Similar Description - 1SS427

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS302 TOSHIBA-1SS302_07 Datasheet
215Kb / 3P
Ultra High Speed Switching Applications
1SS361F TOSHIBA-1SS361F Datasheet
242Kb / 4P
Ultra High Speed Switching Applications
1SS361FV TOSHIBA-1SS361FV Datasheet
199Kb / 4P
Ultra-High-Speed Switching Applications
1SS423 TOSHIBA-1SS423 Datasheet
133Kb / 3P
Ultra-High-Speed Switching Applications
HN4D02JU TOSHIBA-HN4D02JU Datasheet
179Kb / 3P
Ultra High Speed Switching Applications
logo
Guangdong Kexin Industr...
1SS301 KEXIN-1SS301 Datasheet
43Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATIONS
1SS308 KEXIN-1SS308 Datasheet
35Kb / 1P
Ultra High Speed Switching Applications
logo
Toshiba Semiconductor
1SS302TE85LF TOSHIBA-1SS302TE85LF Datasheet
199Kb / 3P
Ultra High Speed Switching Applications
1SS302T5LFH TOSHIBA-1SS302T5LFH Datasheet
199Kb / 3P
Ultra High Speed Switching Applications
HN4D02JU TOSHIBA-HN4D02JU_14 Datasheet
201Kb / 3P
Ultra High Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com