Electronic Components Datasheet Search
  English  ▼

X  

CUS05 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # CUS05
Description  Switching Mode Power Supply Applications Portable Equipment Battery Application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CUS05 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  CUS05 Datasheet HTML 1Page - Toshiba Semiconductor CUS05 Datasheet HTML 2Page - Toshiba Semiconductor CUS05 Datasheet HTML 3Page - Toshiba Semiconductor CUS05 Datasheet HTML 4Page - Toshiba Semiconductor CUS05 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CUS05
2009-11-11
4
1
100
1000
0.001
1000
1
0.01
0.1
10
100
10
10000
(1)
(2)
(3)
1.0
0
0
8
20
0.8
0.4
0.2
0.6
120°
60°
180°
300°
240°
DC
4
12
16
15 V
VR = 20 V
0.01
0
100
1
0.1
10
5 V
3 V
10 V
40
100
140
20
80
120
60
Reverse voltage VR (V)
Cj – VR
(typ.)
Junction temperature Tj (°C)
IR – Tj
(typ.)
Reverse voltage VR (V)
PR (AV) – VR
(typ.)
Pulse test
Rectangular waveform
α
0°
360°
Conduction angle: α
Tj = 125°C
Time t (s)
rth (j-a) – t
(1) Device mounted on a ceramic board
Soldering land: 2 mm × 2 mm
(2) Device mounted on a glass-epoxy board
Soldering land: 6 mm × 6 mm
(3) Device mounted on a glass-epoxy board
Standard Soldering pad
1000
10
1
f
= 1 MHz
Ta
= 25°C
10
100
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com