Electronic Components Datasheet Search
  English  ▼

X  

CUS06 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CUS06
Description  Switching Mode Power Supply Applications Portable Equipment Battery Application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CUS06 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CUS06 Datasheet HTML 1Page - Toshiba Semiconductor CUS06 Datasheet HTML 2Page - Toshiba Semiconductor CUS06 Datasheet HTML 3Page - Toshiba Semiconductor CUS06 Datasheet HTML 4Page - Toshiba Semiconductor CUS06 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CUS06
2010-02-01
1
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CUS06
Switching Mode Power Supply Applications
Portable Equipment Battery Application
• Forward voltage: VFM = 0.45 V (max) @IF = 0.7 A
• Average forward current: IF (AV) = 1.0 A
• Repetitive peak reverse voltage: VRRM = 20 V
• Suitable for high-density board assembly due to the use of a small
Surface-mount package, US−FLATTM
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
20
V
Average forward current
IF (AV)
1.0 (Note 1)
A
Peak one cycle surge forward current
(Non-repetitive)
IFSM
20 (50 Hz)
A
Junction temperature
Tj
−40 to 150
°C
Storage temperature range
Tstg
−40 to 150
°C
Note 1: Ta = 66°C: Device mounted on a glass-epoxy board
(Board size: 50 mm × 50 mm,
Soldering land: 6 mm × 6 mm)
Rectangular waveform (α
= 180°), VR = 10 V
Note 2: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
①
ANODE
②
CATHODE
0.13
0.6
± 0.1
+ 0.2
− 0.1
1.25
①
②
0.88
± 0.1
0.6
± 0.1
0.6
± 0.1
0.88
± 0.1
0.78
± 0.1
+ 0.05
− 0.03
JEDEC
⎯
JEITA
⎯
TOSHIBA
3-2B1A
Weight: 0.004 g (typ.)


Similar Part No. - CUS06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CUS01 TOSHIBA-CUS01 Datasheet
238Kb / 5P
Portable eqiupment battery application
CUS01 TOSHIBA-CUS01 Datasheet
158Kb / 5P
Portable Equipment Battery Application
CUS01 TOSHIBA-CUS01_06 Datasheet
158Kb / 5P
Portable Equipment Battery Application
CUS02 TOSHIBA-CUS02 Datasheet
255Kb / 5P
SCHOTTKY BARRIER RECTIFIER SCHTTKY BARRIER TYPE
CUS02 TOSHIBA-CUS02 Datasheet
162Kb / 5P
Switching Mode Power Supply Applications
More results

Similar Description - CUS06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS04 TOSHIBA-CMS04 Datasheet
183Kb / 4P
Switching Mode Podwe Supply Appications Portable Equipment Battery Applications
CMS07 TOSHIBA-CMS07 Datasheet
129Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CRS08 TOSHIBA-CRS08 Datasheet
174Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CMS09 TOSHIBA-CMS09 Datasheet
134Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CMS02 TOSHIBA-CMS02 Datasheet
118Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CRS05 TOSHIBA-CRS05 Datasheet
175Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
U2FWJ44M TOSHIBA-U2FWJ44M Datasheet
250Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATION PORTABLE EQUIPMENT BATTERY APPLICATION
CUS15I30A TOSHIBA-CUS15I30A Datasheet
197Kb / 6P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CMS16 TOSHIBA-CMS16 Datasheet
182Kb / 6P
Switching Mode Power Supply Applications Portable Equipment Battery Applications DC-DC Converter Applications
CUS05 TOSHIBA-CUS05 Datasheet
180Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com