Electronic Components Datasheet Search
  English  ▼

X  

MT3S113 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # MT3S113
Description  VHF-UHF Band Low-Noise, Low-Distortion Amplifier Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MT3S113 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  MT3S113 Datasheet HTML 1Page - Toshiba Semiconductor MT3S113 Datasheet HTML 2Page - Toshiba Semiconductor MT3S113 Datasheet HTML 3Page - Toshiba Semiconductor MT3S113 Datasheet HTML 4Page - Toshiba Semiconductor MT3S113 Datasheet HTML 5Page - Toshiba Semiconductor MT3S113 Datasheet HTML 6Page - Toshiba Semiconductor MT3S113 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MT3S113
2009-12-01
3
hFE-IC
IC-VBE
10
100
1000
1
10
100
COMMON EMITTER
Ta=25°C
VCE=5V
VCE=3V
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
COMMON EMITTER
VCE=5V
Ta=25°C
Collector-current IC(mA)
Base-emitter voltage VBE(V)
IC-VCE
fT-IC
0
10
20
30
40
50
60
70
80
90
100
01
23
45
6
COMMON EMITTER
Ta=25°C
120μA
200μA
280μA
360μA
440μA
40μA
IB=520uA
0
2
4
6
8
10
12
14
16
18
110
100
VCE=5V
Ta=25°C
Collector-emitter voltage VCE(V)
Collector-current IC(mA)
Cre,Cob-VCB
|S21e|
2-f
0
0.4
0.8
1.2
1.6
2
2.4
2.8
0.1
1
10
IE=0
f=1MHz
Ta=25°C
Cob
Cre
0
10
20
30
40
0.1110
3V
5V
IC=50mA
Ta=25°C
Collector-base voltage VCB(V)
Frequency f (GHz)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com