Electronic Components Datasheet Search
  English  ▼

X  

SM8LC24 Datasheet(PDF) 2 Page - Protek Devices

Part # SM8LC24
Description  800 WATT MULTI-LINE TVS ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM8LC24 Datasheet(HTML) 2 Page - Protek Devices

  SM8LC24 Datasheet HTML 1Page - Protek Devices SM8LC24 Datasheet HTML 2Page - Protek Devices SM8LC24 Datasheet HTML 3Page - Protek Devices SM8LC24 Datasheet HTML 4Page - Protek Devices SM8LC24 Datasheet HTML 5Page - Protek Devices SM8LC24 Datasheet HTML 6Page - Protek Devices SM8LC24 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05019.R8 10/12
Page 2
SM8LC05 - SM8LC24
TYPICAL DEVICE ChARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless otherwise Specified
PARAMETER
SYMBoL
VALUE
UNITS
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
800
Watts
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C Unless otherwise Specified
PART
NUMBER
(Note 1 - 2)
DEVICE
MARkING
RATED
STAND-oFF
VoLTAGE
V
WM
VoLTS
MINIMUM
BREAkDoWN
VoLTAGE
@1mA
V
(BR)
VoLTS
MAXIMUM
CLAMPING
VoLTAGE
(Fig. 2)
@I
P = 1A
V
C
VoLTS
MAXIMUM
CLAMPING
VoLTAGE
(Fig. 2)
@ 8/20µs
V
C @ IPP
MAXIMUM
LEAkAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
CAPACITANCE
@0V, 1Mhz
C
pF
SM8LC05
PGA
5.0
6.0
9.8
24.6V @ 45.0A
100
25
SM8LC08
PGB
8.0
8.5
13.3
25.5V @ 40.0A
10
25
SM8LC12
PGC
12.0
13.3
19.0
32.9V @ 34.0A
4
25
SM8LC15
PGD
15.0
16.7
25.5
38.5V @ 27.0A
4
25
SM8LC24
PGE
24.0
26.7
40.0
48.5V @ 22.0A
4
25
NoTE
1. Devices are designed to be used in parallel. For other applications, contact the factory. Do not surge in the “forward” direction of the TVS.
2. Do not surge from pins 1 to 8, 7 to 2, 6 to 3 and 4 to 5. PIV typically greater than 100 Volts for each rectifier diode.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com