Electronic Components Datasheet Search
  English  ▼

X  

SM8LC05 Datasheet(PDF) 1 Page - Protek Devices

Part # SM8LC05
Description  800 WATT MULTI-LINE TVS ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM8LC05 Datasheet(HTML) 1 Page - Protek Devices

  SM8LC05 Datasheet HTML 1Page - Protek Devices SM8LC05 Datasheet HTML 2Page - Protek Devices SM8LC05 Datasheet HTML 3Page - Protek Devices SM8LC05 Datasheet HTML 4Page - Protek Devices SM8LC05 Datasheet HTML 5Page - Protek Devices SM8LC05 Datasheet HTML 6Page - Protek Devices SM8LC05 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05019.R8 10/12
Page 1
SM8LC05 - SM8LC24
800 WATT MULTI-LINE TVS ARRAY
DESCRIPTIoN
The SM8LCxx Series are high powered transient voltage suppressor arrays that provides board level protection for
standard TTL and MOS bus line applications against the damaging effects of ESD, tertiary lightning and switching
transients.
The SM8LCxx Series has a peak pulse power rating of 800 Watts for an 8/20µs waveshape. This device series meets
the IEC 61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-
Gnd) & Level 3(Line-Line)
• 800 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Bidirectional Configuration
• Available in Multiple Voltages Ranging from 5V to 24V
• Protects up to Two Line Pairs
• Low Capacitance: 25pF
• RoHS Compliant
• REACH Compliant
MEChANICAL ChARACTERISTICS
• Molded JEDEC SO-8 Package
• Approximate Weight: 70 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 12mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPLICATIoNS
• Video On-Demand
• Telecom Interfaces
• USB, ADSL & SCSI Interfaces
• LAN Interconnects
• Portable Electronics
PIN CoNFIGURATIoN
So-8 PACkAGE
1
2
4
8
3
5
6
7


Similar Part No. - SM8LC05

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SM8LC05 MCC-SM8LC05 Datasheet
129Kb / 2P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SM8LC05 MICROSEMI-SM8LC05 Datasheet
91Kb / 2P
TVSarray Series
logo
Protek Devices
SM8LC05 PROTEC-SM8LC05 Datasheet
99Kb / 4P
LOW CAPACITANCE TVS ARRAY
SM8LC05 PROTEC-SM8LC05 Datasheet
600Kb / 7P
800 WATT MULTI-LINE TVS ARRAY
logo
Shanghai Leiditech Elec...
SM8LC05 LEIDITECH-SM8LC05 Datasheet
256Kb / 3P
Low Capacitance TVS Diode Array For High-Speed Data Interfaces
More results

Similar Description - SM8LC05

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DFN6-36 PROTEC-DFN6-36_11 Datasheet
511Kb / 6P
300 watt Multi-line TVS ARRAY
PSMDA05-18 PROTEC-PSMDA05-18_11 Datasheet
520Kb / 6P
200 WATT MULTI-LINE TVS ARRAY
SM8LC05 PROTEC-SM8LC05_11 Datasheet
600Kb / 7P
800 WATT MULTI-LINE TVS ARRAY
SM14M05C PROTEC-SM14M05C_11 Datasheet
517Kb / 6P
800 WATT MULTI-LINE TVS ARRAY
SMDB05 PROTEC-SMDB05_11 Datasheet
513Kb / 6P
800 WATT MULTI-LINE TVS ARRAY
TSMDA05CM PROTEC-TSMDA05CM_11 Datasheet
500Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
SMDB05 PROTEC-SMDB05_12 Datasheet
515Kb / 6P
800 WATT MULTI-LINE TVS ARRAY
SMDB05C-LFT7 PROTEC-SMDB05C-LFT7 Datasheet
515Kb / 6P
800 WATT MULTI-LINE TVS ARRAY
PSMDA05-6 PROTEC-PSMDA05-6_12 Datasheet
506Kb / 6P
350 WATT MULTI-LINE TVS ARRAY
SM14M05C PROTEC-SM14M05C_12 Datasheet
519Kb / 6P
800 WATT MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com