Electronic Components Datasheet Search
  English  ▼

X  

SM16LC03C Datasheet(PDF) 2 Page - Protek Devices

Part # SM16LC03C
Description  500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM16LC03C Datasheet(HTML) 2 Page - Protek Devices

  SM16LC03C Datasheet HTML 1Page - Protek Devices SM16LC03C Datasheet HTML 2Page - Protek Devices SM16LC03C Datasheet HTML 3Page - Protek Devices SM16LC03C Datasheet HTML 4Page - Protek Devices SM16LC03C Datasheet HTML 5Page - Protek Devices SM16LC03C Datasheet HTML 6Page - Protek Devices SM16LC03C Datasheet HTML 7Page - Protek Devices SM16LC03C Datasheet HTML 8Page - Protek Devices SM16LC03C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05051.R14 10/12
Page 2
SM16LC03 - SM16LC36C
TYPICAL DEVICE ChARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
500
Watts
Forward Voltage @ 50mA, 300µs - Square Wave (See Note 1)
V
F
1.5
Volts
Soldering Temperature for 10 seconds
T
II
260
°C
NOTES
1. Only applies to unidirectional devices.
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(Note 1)
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAkDOWN
VOLTAGE
@1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@ 8/20µs
V
C @ IPP
MAXIMUM
LEAkAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
CAPACITANCE
@0V, 1Mhz
C
pF
TEMPERATURE
COEFFICIENT
OF V
(BR)
qV
(BR)
mV/°C
SM16LC03
3.3
4.5
7.0
20.0V @ 35A
125
15
-3
SM16LC03C
3.3
4.5
7.0
20.0V @ 35A
125
15
-3
SM16LC05
5.0
6.0
9.8
24.0V @ 42A
20
15
3
SM16LC05C
5.0
6.0
9.8
24.0V @ 42A
20
15
3
SM16LC08
8.0
8.5
13.4
26.0V @ 30A
10
15
9
SM16LC08C
8.0
8.5
13.4
26.0V @ 30A
10
15
9
SM16LC12
12.0
13.3
19.0
33.0V @ 21A
2
15
16
SM16LC12C
12.0
13.3
19.0
33.0V @ 21A
2
15
16
SM16LC15
15.0
16.7
25.5
39.0V @ 15A
2
15
17
SM16LC15C
15.0
16.7
25.5
39.0V @ 15A
2
15
17
SM16LC24
24.0
26.7
40.0
57.0V @ 10A
2
15
26
SM16LC24C
24.0
26.7
40.0
57.0V @ 10A
2
15
26
SM16LC36
36.0
40.0
53.0
72.0V @ 7A
2
15
36
SM16LC36C
36.0
40.0
53.0
72.0V @ 7A
2
15
36
NOTES
1. Part numbers with a “C” suffix are bidirectional devices, i.e., SM16LC05C.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com