Electronic Components Datasheet Search
  English  ▼

X  

SM1603 Datasheet(PDF) 2 Page - Protek Devices

Part # SM1603
Description  500 WATT MULTI-LINE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM1603 Datasheet(HTML) 2 Page - Protek Devices

  SM1603 Datasheet HTML 1Page - Protek Devices SM1603 Datasheet HTML 2Page - Protek Devices SM1603 Datasheet HTML 3Page - Protek Devices SM1603 Datasheet HTML 4Page - Protek Devices SM1603 Datasheet HTML 5Page - Protek Devices SM1603 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05147.R8 10/12
Page 2
SM1603 - SM1624C
TYPICAL DEVICE ChARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless otherwise Specified
PARAMETER
SYMBoL
VALUE
UNITS
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
500
Watts
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C Unless otherwise Specified
PART
NUMBER
(Note 1-2)
RATED
STAND-oFF
VoLTAGE
V
WM
VoLTS
MINIMUM
BREAkDoWN
VoLTAGE
@1mA
V
(BR)
VoLTS
MAXIMUM
CLAMPING
VoLTAGE
(Fig. 2)
@I
P = 1A
V
C
VoLTS
MAXIMUM
CLAMPING
VoLTAGE
(Fig. 2)
@8/20µs
V
C @ IPP
MAXIMUM
LEAkAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
CAPACITANCE
@0V, 1Mhz
C
pF
TEMPERATURE
CoEFFICIENT
oF V
(BR)
qV
(BR)
mV/°C
SM1603
3.3
4.0
7.0
10.9V @ 43A
125
800
-3
SM1603C
3.3
4.0
7.0
10.9V @ 43A
125
450
-3
SM1605
5.0
6.0
9.8
13.5V @ 42A
10
550
3
SM1605C
5.0
6.0
9.8
13.5V @ 42A
10
310
3
SM1608
8.0
8.5
13.4
16.9V @ 34A
10
500
9
SM1608C
8.0
8.5
13.4
16.9V @ 34A
10
280
9
SM1612
12.0
13.3
19.0
25.9V @ 21A
2
185
16
SM1612C
12.0
13.3
19.0
25.9V @ 21A
2
105
16
SM1615
15.0
16.7
25.5
30.0V @ 17A
2
140
17
SM1615C
15.0
16.7
25.5
30.0V @ 17A
2
80
17
SM1624
24.0
26.7
40.0
49.0V @ 12A
2
88
26
SM1624C
24.0
26.7
40.0
49.0V @ 12A
2
50
26
NoTES
1. Part numbers with a “C” suffix are bidirectional devices, i.e., SM1615C.
2. V
F = 1.5 Volts @ 100mA, 300µs (square wave) unidirectional devices only.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com