Electronic Components Datasheet Search
  English  ▼

X  

CXD2401R Datasheet(PDF) 21 Page - Sony Corporation

Part # CXD2401R
Description  Electronic Iris Control IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2401R Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXD2401R Datasheet HTML 13Page - Sony Corporation CXD2401R Datasheet HTML 14Page - Sony Corporation CXD2401R Datasheet HTML 15Page - Sony Corporation CXD2401R Datasheet HTML 16Page - Sony Corporation CXD2401R Datasheet HTML 17Page - Sony Corporation CXD2401R Datasheet HTML 18Page - Sony Corporation CXD2401R Datasheet HTML 19Page - Sony Corporation CXD2401R Datasheet HTML 20Page - Sony Corporation CXD2401R Datasheet HTML 21Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
– 21 –
CXD2401R
Package Outline
Unit: mm
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
PLATING
42/COPPER ALLOY
PACKAGE STRUCTURE
48PIN LQFP (PLASTIC)
9.0 ± 0.2
∗
7.0 ± 0.1
1
12
13
24
25
36
37
48
(0.22)
0.18 – 0.03
+ 0.08
0.5 ± 0.08
0.127 – 0.02
+ 0.05
0.1 ± 0.1
A
1.5 – 0.1
+ 0.2
0° to 10°
DETAIL A
0.2g
LQFP-48P-L01
LQFP048-P-0707
0.1
SOLDER/PALLADIUM
NOTE: Dimension “
∗” does not include mold protrusion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com