Electronic Components Datasheet Search
  English  ▼

X  

CXD2408R Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD2408R
Description  Timing Generator for Progressive Scan CCD Image Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2408R Datasheet(HTML) 5 Page - Sony Corporation

  CXD2408R Datasheet HTML 1Page - Sony Corporation CXD2408R Datasheet HTML 2Page - Sony Corporation CXD2408R Datasheet HTML 3Page - Sony Corporation CXD2408R Datasheet HTML 4Page - Sony Corporation CXD2408R Datasheet HTML 5Page - Sony Corporation CXD2408R Datasheet HTML 6Page - Sony Corporation CXD2408R Datasheet HTML 7Page - Sony Corporation CXD2408R Datasheet HTML 8Page - Sony Corporation CXD2408R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
– 5 –
CXD2408R
Pin
No.
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
EXT
REND
REVH
OCTL
Vss
RDM
RM
XCPDM
XCPOB
PBLK
ID
WEN
TEST8
CL
CLD
O2FH
NC
FLD
BLK
Vss
VDD
SYNC
HDI
VDI
HDO
VDO
HRI
VRI
CKI
I
I
I
I
—
I
I
O
O
O
O
O
I
O
O
O
—
O
O
—
—
O
I
I
O
O
I
I
I
Internal synchronization/external synchronization switching. (With pull-down resistor)
Low: Internal synchronization, High: External synchronization
Normal reset/direct reset switching. (With pull-down resistor)
Low: Normal reset, High: Direct reset
V reset/HV reset switching. (With pull-down resistor)
Low: V reset, High: HV reset
O2FH output control. (With pull-down resistor)
Low: No output, High: Output
GND
Normal operation/random trigger shutter switching. (With pull-down resistor)
Low: Normal operation, High: Random trigger shutter
Switching for output mode. (With pull-down resistor)
Low: Non-interlaced, High: Interlaced
Clamp pulse output.
Clamp pulse output.
Blanking cleaning pulse output.
Line identification output.
Write enable output.
Test input. (With pull-down resistor)
fck clock output. (0°)
fck clock output. (180°)
2 fH output.
Field pulse output.
Composite blanking output.
GND
Power supply.
Composite sync output.
Horizontal sync signal input.
Vertical sync signal input.
Horizontal sync signal output.
Vertical sync signal output.
Horizontal reset signal input.
Vertical reset signal input.
2 fck clock input.
Symbol
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com