Electronic Components Datasheet Search
  English  ▼

X  

SSM5H06FE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM5H06FE
Description  Combined Nch MOSFET and Schottky Diode in one Package.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM5H06FE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM5H06FE Datasheet HTML 1Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 2Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 3Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 4Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 5Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 6Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 7Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SSM5H06FE
2007-11-01
1
Silicon N Channel MOS Type / Silicon Epitaxial Schottky Barrier Diode
SSM5H06FE
DC-DC Converter
• Combined Nch MOSFET and Schottky Diode in one Package.
• Small package
Absolute Maximum Ratings (Ta = 25°C) MOSFET
Characteristics
Symbol
Rating
Unit
Drain-Source voltage
VDS
20
V
Gate-Source voltage
VGSS
±10
V
DC
ID
100
Drain current
Pulse
IDP (Note 2)
200
mA
Drain power dissipation
PD (Note 1)
150
mW
Channel temperature
Tch
150
°C
Absolute Maximum Ratings (Ta = 25°C) SCHOTTKY
DIODE
Characteristics
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
15
V
Reverse voltage
VR
12
V
Average forward current
IO
100
mA
Peak one cycle surge forward current
(non-repetitive)
IFSM
1 (50 Hz)
A
Junction temperature
Tj
125
°C
Absolute Maximum Ratings (Ta = 25°C) MOSFET,
DIODE COMMON
Characteristics
Symbol
Rating
Unit
Storage temperature
Tstg
−55~125
°C
Operating temperature
Topr
(Note 3)
−40~100
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Mounted on FR4 board
(25.4 mm
× 25.4 mm × 1.6 t, Cu Pad: 0.135 mm
2 × 5)
Note 2: The pulse width limited by max channel temperature.
Note 3: Operating temperature limited by max channel temperature and max junction temperature.
Unit: mm
1.2±0.05
1.6±0.05
1
2
3
5
4
ESV
JEDEC
⎯
JEITA
⎯
TOSHIBA
2-2P1C
Weight: 3 mg (typ.)
1.Gate
2.Source
3.Anode
4.Cathode
5.Drain
0.3 mm


Similar Part No. - SSM5H06FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5H06FE TOSHIBA-SSM5H06FE_14 Datasheet
230Kb / 8P
Silicon N Channel MOS Type / Silicon Epitaxial Schottky Barrier Diode
More results

Similar Description - SSM5H06FE

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMB-2306 SANKEN-FMB-2306 Datasheet
19Kb / 1P
30A Schottky barrier diode in TO220F package
logo
List of Unclassifed Man...
1FI150B-060 ETC2-1FI150B-060 Datasheet
83Kb / 2P
600V / 150A 1 in one-package FAST RECOVERY DIODE MODULE
logo
Taiwan Semiconductor Co...
2RI150E TSC-2RI150E Datasheet
158Kb / 2P
POWER DIODE MODULE 600V,800V / 150A 2 in one-package
logo
International Rectifier
IRFH7911PBF IRF-IRFH7911PBF Datasheet
325Kb / 10P
Control and synchronous FET in one package
IRFH4251DPBF IRF-IRFH4251DPBF_15 Datasheet
557Kb / 13P
Control and synchronous MOSFETs in one package
IRFH4253DPBF IRF-IRFH4253DPBF_15 Datasheet
594Kb / 13P
Control and synchronous MOSFETs in one package
IRFH4257DPBF IRF-IRFH4257DPBF_15 Datasheet
861Kb / 12P
Control and synchronous MOSFETs in one package
IRFH7911PBF IRF-IRFH7911PBF_15 Datasheet
320Kb / 11P
Control and synchronous FET in one package
OM3901SC IRF-OM3901SC_15 Datasheet
36Kb / 4P
Positive And Negative Regulators In One Package
logo
Quelighting Corp
QLSP17RGBA-303 QUELIGHTING-QLSP17RGBA-303 Datasheet
1,001Kb / 11P
This is the small TOP LED with 3 color (Red/Green/Blue) combined in one package.
1.0 05-01-2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com