Electronic Components Datasheet Search
  English  ▼

X  

SMDA03LC Datasheet(PDF) 8 Page - Protek Devices

Part # SMDA03LC
Description  500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMDA03LC Datasheet(HTML) 8 Page - Protek Devices

Back Button SMDA03LC Datasheet HTML 2Page - Protek Devices SMDA03LC Datasheet HTML 3Page - Protek Devices SMDA03LC Datasheet HTML 4Page - Protek Devices SMDA03LC Datasheet HTML 5Page - Protek Devices SMDA03LC Datasheet HTML 6Page - Protek Devices SMDA03LC Datasheet HTML 7Page - Protek Devices SMDA03LC Datasheet HTML 8Page - Protek Devices SMDA03LC Datasheet HTML 9Page - Protek Devices SMDA03LC Datasheet HTML 10Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05074.R10 10/12
Page 8
SMDA03LC - SMDA24LCC
SO-8 PACkAGE INFORMATION
OUTLINE DIMENSIONS
DIM
MILLIMETERS
INChES
MIN
MAX
MIN
MAX
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.05 BSC
J
0.18
0.25
0.007
0.009
K
0.10
0.25
0.004
0.008
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
NOTES
1. -T- = Seating plane and datum surface.
2. Dimensions “A” and “B” are datum.
3. Dimensions “A” and “B” do not include mold protrusion.
4. Maximum mold protrusion is 0.015” (0.380mm) per side.
5. Dimensioning and tolerances per ANSI Y14.5M, 1982.
6. Dimensions are exclusive of mold flash and metal burrs.
PAD LAYOUT DIMENSIONS
DIM
MILLIMETERS
INChES
MIN
MAX
MIN
MAX
A
1.14
1.40
0.045
0.055
B
0.64
0.89
0.025
0.035
C
6.22
-
0.245
-
D
3.94
4.17
0.155
0.165
E
1.02
1.27
0.040
0.050
NOTES
1. Controlling dimension: inches.
-A-
8
5
1
4
-B-
P
G
D
-T-
C
K
J
R x 45°
0° - 10°
F
4 PL
0.010” (0.25mm) M B
+
8 PL
0.010” (0.25mm)
B
+
A
T
A
B
C
D
E
M
M
S
S



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com