Electronic Components Datasheet Search
  English  ▼

X  

SMDA03LCC Datasheet(PDF) 1 Page - Protek Devices

Part # SMDA03LCC
Description  500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMDA03LCC Datasheet(HTML) 1 Page - Protek Devices

  SMDA03LCC Datasheet HTML 1Page - Protek Devices SMDA03LCC Datasheet HTML 2Page - Protek Devices SMDA03LCC Datasheet HTML 3Page - Protek Devices SMDA03LCC Datasheet HTML 4Page - Protek Devices SMDA03LCC Datasheet HTML 5Page - Protek Devices SMDA03LCC Datasheet HTML 6Page - Protek Devices SMDA03LCC Datasheet HTML 7Page - Protek Devices SMDA03LCC Datasheet HTML 8Page - Protek Devices SMDA03LCC Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05074.R10 10/12
Page 1
SMDA03LC - SMDA24LCC
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
DESCRIPTION
The SMDAxxLC and SMDAxxLCC Series are low capacitance multi-line transient voltage suppressor arrays that provides
board level protection for standard TTL and MOS bus line applications against the damaging effects of ESD, tertiary
lightning and switching transients.
The SMDAxxLC/LCC Series has a peak pulse power rating of 500 Watts for an 8/20µs waveshape. This device series
meets the IEC 61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-
Gnd) & Level 2(Line-Line)
• 500 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Unidirectional and Bidirectional Configurations
• Available in Multiple Voltages Ranging from 3V to 24V
• Protects up to Four Lines
• Low Capacitance: 15pF
• RoHS Compliant
• REACH Compliant
MEChANICAL ChARACTERISTICS
• Molded JEDEC SO-8 Package
• Approximate Weight: 70 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 12mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPLICATIONS
• Computer Interface Protection
• Ethernet - 10/100/1000 Base T
• Test and Measurement Equipment
• Industrial Control - Low Voltage Sensors
PIN CONFIGURATIONS
SO-8 PACkAGE
UNIDIRECTIONAL
BIDIRECTIONAL
1
2
4
8
3
5
6
7
1
2
4
8
3
5
6
7


Similar Part No. - SMDA03LCC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SMDA03LCC PROTEC-SMDA03LCC Datasheet
116Kb / 5P
LOW CAPACITANCE TVS ARRAY
SMDA03LCC PROTEC-SMDA03LCC Datasheet
795Kb / 10P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
logo
Sangdest Microelectroni...
SMDA03LCC SMC-SMDA03LCC Datasheet
161Kb / 4P
SO-8
logo
SMC Diode Solutions Co....
SMDA03LCC SMCDIODE-SMDA03LCC Datasheet
352Kb / 4P
TVS ARRAY SERIES
Rev. C
SMDA03LCC SMCDIODE-SMDA03LCC Datasheet
333Kb / 4P
TVS ARRAY SERIES
Rev. C
More results

Similar Description - SMDA03LCC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
USB50803C PROTEC-USB50803C Datasheet
526Kb / 6P
500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03_11 Datasheet
884Kb / 9P
500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_11 Datasheet
914Kb / 9P
500 WATT MULTI-LINE CAPACITANCE TVS ARRAY
SMDA03LC PROTEC-SMDA03LC_11 Datasheet
795Kb / 10P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_12 Datasheet
917Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03_12 Datasheet
886Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SM16LC03 PROTEC-SM16LC03_12 Datasheet
889Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
USB50803 PROTEC-USB50803_12 Datasheet
529Kb / 6P
500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA05-LF PROTEC-PLCDA05-LF Datasheet
886Kb / 9P
500 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
PLCDA05C-6-LF PROTEC-PLCDA05C-6-LF Datasheet
917Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com