Electronic Components Datasheet Search
  English  ▼

X  

BL317 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL317
Description  HIGH CURRENT ADJUSTABLE VOLTAGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL317 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL317 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL317 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL317 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL317 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL317 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL317 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL317 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.belling.com.cn
V1.0
Page3
BL317
ELECTRI CAL CH ARACT ERIST ICS (VIN -VOUT=5V, IOUT=1 0 mA, T a=25°C ,
u n l e s s o th e r w is e sp e c i f ie d . ) *
C h a r a c te r is t i c s
Te s t c o n d i t io n s
S ymb o l
Min .
Typ .
Ma x .
U n i t
R e fe re n c e v o l t a g e
1 0 mA ≤ IO U T ≤1A
3 V ≤ (V I N -V O U T ) ≤37V
P D ≦ 2 0 W
V RE F
1 . 2 0
1 . 2 5
1 . 3 0
V
Li n e re g u la t io n
3 V ≦ V IN -V O U T ≦ 3 7 V
S V
0 . 0 1
0 . 0 4
%/V
Lo a d re g u la t io n
0 mA ≦ IO U T ≦ 1 A
S i
0 . 2
0 . 4
%
A d ju s t p i n c u r re n t
Ia d j
5 0
1 0 0
µ A
A d ju s t p in c u r re n t
c h a n g e
3 V ≦ V IN -V O U T ≦ 3 7 V ,
1 0 mA ≦ IO U T ≦ 1 A , P D ≦
2 0 W
Δ Iadj
0 . 2
5 . 0
µ A
Min i mu m
l o a d
c u r re n t
V IN -V O U T = 3 7 V
I L mi n
3 . 5
1 0 . 0
mA
R ip p l e re je c t io n
f= 1 2 0 H z , C O U T = 1 µ F
ta n t a lu m,
(V I N -V O U T )=3V, IO U T = 1A
R R
6 0
7 5
d B
Te mp e r a tu r e
st a b i l i t y
T M IN ≦ T J ≦ T MA X
0 . 7
%
R MS o u tp u t n o i se
(% o f V OU T )
Ta = 2 5 ℃ , 1 0 H z ≤ f ≤ 1 0 k H z
e n
0 . 0 0 3
%
T h e r ma l r e s i s ta n c e ,
J u n c t i o n to c a s e
S O T-2 2 3
TO -2 5 2
TO -2 2 0
TO -2 6 3
θ JC
2 3
1 2
5
5
℃
/W
T h e r ma l r e s i s ta n c e ,
J u n c t i o n
to
A mb ie n t
S O T-2 2 3
TO -2 5 2
TO -2 2 0
TO -2 6 3
θ J A
1 6 5
11 2
5 4
6 4
℃
/W
T h e r ma l
s h u td o wn
h ys te r e s i s
T h ys
2 5
℃
*: Ma x i mu m P o we r D is si p a t io n is P a c k a g e T y p e a n d C a s e T e mp e ra tu re d e p e n d e n t.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com