Electronic Components Datasheet Search
  English  ▼

X  

BL8080 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8080
Description  HIGH INTEGRATED PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8080 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8080 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.belling.com.cn
1
BL8080
HIGH INTEGRATED PWM CONTROLLER
GENERAL DISCRIPTION
The BL8080 is a PWM controller designed to
drive high voltage NPN transistors. It integrates
an
oscillator,
cycle-by-cycle
current
limit,
thermal protection and over voltage protection,
great
reducing
the
number
of
external
components
and system level cost.
Compared to conventional controller, BL8080
has a significantly smaller startup current of
less than 20uA, which
allows large startup
resistor that enabes further power saving. The
frequency can be adjusted
from an external
capcitor. At light load condition the frequency of
BL8080 can be varied according to the load,
which improves the light load efficiency.
FEATURES
 Low start up current
 Easy programmable frequency
 Compact SOT23-6 package
 Universal voltage range: 85VAC -264VAC
 Thermal shutdown
 Cycle by cycle current limit
 Slope current drive
 Low standby power consumption
APPLICATIONS
 Cell phone charger
 DVD player power supply
 MP3 charger
 LED lighting driver
TYPICAL APPLICATION CIRCUIT
1
2
3
6
4
5
OB
OE
VCC
GND
FB
CT
LC8100
AC Input
DC Output
Figure1: BL8080 Typical Application Circuit
BL8080


Similar Part No. - BL8080

ManufacturerPart #DatasheetDescription
logo
Bouffalo Lab Intelligen...
BL808 BOUFFALOALB-BL808 Datasheet
1Mb / 93P
2.4 GHz RF transceiver
Version: 1.1
logo
SHANGHAI BELLING CO., L...
BL8082 BELLING-BL8082 Datasheet
922Kb / 6P
PMU with 1 Synchronous Buck and 2 LDOs
BL8082B BELLING-BL8082B Datasheet
932Kb / 6P
PMU with 1 Synchronous Buck and 2 LDOs
BL8082BCKATR BELLING-BL8082BCKATR Datasheet
932Kb / 6P
PMU with 1 Synchronous Buck and 2 LDOs
BL8082CKATR BELLING-BL8082CKATR Datasheet
922Kb / 6P
PMU with 1 Synchronous Buck and 2 LDOs
More results

Similar Description - BL8080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6840 ETC-SG6840 Datasheet
384Kb / 11P
HIGH INTEGRATED PWM CONTROLLER
SG6841 ETC-SG6841 Datasheet
357Kb / 14P
High-integrated Green-mode PWM Controller
logo
Fairchild Semiconductor
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
Highly-Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
Highly-Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
Highly Integrated Green-Mode PWM Controller
SG6841DZ3 FAIRCHILD-SG6841DZ3 Datasheet
539Kb / 14P
High-integrated Green-mode PWM Controller
SG6841SZ3 FAIRCHILD-SG6841SZ3 Datasheet
539Kb / 14P
High-integrated Green-mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com