Electronic Components Datasheet Search
  English  ▼

X  

BL8504 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8504
Description  High-Precision Low Voltage Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8504 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8504 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8504 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8504 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8504 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8504 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8504 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8504 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8504 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8504 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.belling.com.cn
1
High-Precision Low Voltage Detector
BL8504
DESCRIPTION
BL8504 is a series of high precision voltage
detector with ultra low current consumption
(500nA typ. at Vdd=3.0V). It can work at very
low voltage, which makes it perfect for
system reset.
BL8504
is
composed
of
high
precision
voltage reference, comparator, output driver
and resistor array. Internally preset detect
voltage has a low temperature drift and
requires no external trimming.
One type of output, N-channel open-drain is
available.
BL8504 is available in small size SOT23-3
package which is Pb free.
FEATURES
• High-precision detection Voltage: ±3%
• Detection Voltage:0.9V~6.0V (in 0.1V
steps)
• Precise hysteresis:4% typ.
• Operating Voltage range:0.7V~10V
• Ultra-low current consumption:500nA
typ. (at VDD=3.0V)
APPLICATIONS
• Power monitor for portable equipment
such as PDA,DSC,Mobile
phone,Notebook,MP3
• CPU and Logic Circuit Reset
• Battery Checker
• Battery Back-up Circuit
• Power Failure Detector
TYPICAL APPLICATION
ELECTRICAL CHARACTERISTICS
Detector threshold= 0.9V
1.E-08
1.E-07
1.E-06
1.E-05
0
1
2
3
4
5
6
Input voltage (V)
-40ºC
25ºC
70ºC
BL
BL
BL
BL8504
8504
8504
8504


Similar Part No. - BL8504

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
Step down DC/DC controller
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
250mA CMOS Low Dropout Voltage Low consumption Regulator
BL8503 BELLING-BL8503 Datasheet
533Kb / 13P
250mA CMOS Low Dropout Voltage Low consumption Regulator
BL8503-12C1AB BELLING-BL8503-12C1AB Datasheet
1Mb / 12P
250mA CMOS Low Dropout Voltage Low consumption Regulator
BL8503-12C1RM BELLING-BL8503-12C1RM Datasheet
1Mb / 12P
250mA CMOS Low Dropout Voltage Low consumption Regulator
More results

Similar Description - BL8504

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-807 SII-S-807 Datasheet
336Kb / 42P
HIGH-PRECISION VOLTAGE DETECTOR
S-808 SII-S-808 Datasheet
1Mb / 20P
LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
Voltage Detector, High-Precision
logo
List of Unclassifed Man...
BL8506 ETC1-BL8506 Datasheet
271Kb / 16P
High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
High-precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
High-precision Low Voltage Detector
VER 1.3
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
High-precision Low Voltage Detector
VER 1.4
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
High-precision Low Voltage Detector
VER 1.6
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
High-precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
High-precision Low Voltage Detector
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com