Electronic Components Datasheet Search
  English  ▼

X  

TLWD1100B Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLWD1100B
Description  Panel Circuit Indicators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLWD1100B Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLWD1100B Datasheet HTML 1Page - Toshiba Semiconductor TLWD1100B Datasheet HTML 2Page - Toshiba Semiconductor TLWD1100B Datasheet HTML 3Page - Toshiba Semiconductor TLWD1100B Datasheet HTML 4Page - Toshiba Semiconductor TLWD1100B Datasheet HTML 5Page - Toshiba Semiconductor TLWD1100B Datasheet HTML 6Page - Toshiba Semiconductor TLWD1100B Datasheet HTML 7Page - Toshiba Semiconductor TLWD1100B Datasheet HTML 8Page - Toshiba Semiconductor TLWD1100B Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLWD1100B(T11)
2008-12-26
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test condition
Min
Typ.
Max
Unit
Forward Voltage
VF
IF = 20 mA
2.7
3.3
4.0
V
Reverse Current
IR
VR = 4 V
⎯
⎯
10
μA
Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test condition
Min
Typ.
Max
Unit
Cx
IF = 20 mA
(Note 2)
⎯
Chromaticity
Cy
IF = 20 mA
(Note 2)
⎯
Luminous Intensity
(Note 3)
IV
IF = 20 mA
63
180
320
mcd
Note 2: The product is tested at the following chromaticity coordinate groups.
Test conditions: IF=20 mA, Ta=25°C
Tolerance: +/-0.01
0.20
0.21
0.22
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.25 0.26 0.27 0.28 0.29 0.30 0.31 0.32 0.33 0.34 0.35 0.36 0.37
Cx
7L
7K
8L
6L
4L
5L
3L
3K
4K
5K
6K
8K
Cx
Cy
Cx
Cy
Cx
Cy
0.273 0.227
0.296 0.259
0.330 0.310
0.266 0.232
0.291 0.268
0.330 0.330
0.280 0.252
0.310 0.297
0.338 0.342
0.286 0.244
0.313 0.284
0.352 0.344
0.266 0.232
0.291 0.268
0.330 0.330
0.258 0.239
0.285 0.279
0.330 0.347
0.273 0.261
0.307 0.312
0.347 0.371
0.280 0.252
0.310 0.297
0.345 0.352
0.286 0.244
0.313 0.284
0.352 0.344
0.280 0.252
0.310 0.297
0.338 0.342
0.291 0.268
0.330 0.330
0.364 0.380
0.296 0.259
0.330 0.310
0.360 0.357
0.280 0.252
0.310 0.297
0.345 0.352
0.273 0.261
0.307 0.312
0.347 0.371
0.285 0.279
0.330 0.347
0.367 0.401
0.291 0.268
0.330 0.330
0.364 0.380
3K
3L
4K
4L
5K
7K
5L
7L
6K
8K
6L
8L



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com