Electronic Components Datasheet Search
  English  ▼

X  

BL8593 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8593
Description  P-Channel MOSFET with 0.12V Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8593 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8593 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8593 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8593 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8593 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8593 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8593 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.belling.com.cn
1
P-Channel MOSFET with 0.12V Schottky Diode
BL8593
DESCRIPTION
BL8593 is designed for battery charging controller,
which features P-channel MOSFET characteristics
and a 0.12V Schottky diode for reverse current
blocking. Such reverse current blocking feature cut
off the current when source voltage is removed, or
lower than drain voltage, no matter the gate
voltage indicating the P-MOSFET on or off.
BL8593 is also suitable for high side switch in a
system with multi power supplies, when isolating
different power supplies becomes essential.
BL8593 can block reverse voltage as high as 10V. So
it is safe enough for mobile phone system or other
portable device powered by 1 cell Li-ion battery.
BL8593 is available in DFN2x2-6L (2 type of PIN
configuration), SC70-5 and DFN1x1-5. Especially
with the package DFN1x1-5, BL8593 make itself the
smallest package available in the world.
FEATURES
 PMOSFET with SBD for reverse current blocking
 0.12V Schottky diode forward voltage
 Range of operation input voltage: Max 12V
 Charging current up to 650mA
 Environment Temperature: -20C~85C
APPLICATIONS
 Cell phone and other portable device
FUNCTION DIAGRAM
ORDERING INFORMATION / PIN CONFIGURATION / MARKING
BL8593CKCTR
DFN2x2-6L
(compatible to DFN2x3
pin out)
BL8593CBKCTR
DFN2x2-6L
(compatible to
DFN2x2 pin out)
BL8593CA5TR
SC70-5
BL8593CKDTR
DFN1x1-5L
6. K
5. D
4. NC
1. A
2. S
3. G
OA
YW
6. K
5. G
4. S
1. A
2. NC
3. D
OA|
YW
5. NC
4. D
1. S
2. G
3. NC
OA
YW
Notice: YW means the year and week parts being manufactured, subjected to change. OA is the
code of the product, it will not be changed on any part.


Similar Part No. - BL8593

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8591 BELLING-BL8591 Datasheet
268Kb / 10P
100mA High PSRR, Fast Response Linear Regulator
BL8595 BELLING-BL8595 Datasheet
537Kb / 5P
18V-1A PNP with N-MOSFET CHARGE IC
BL8596 BELLING-BL8596 Datasheet
578Kb / 4P
LDO mode OVP with Integrated P-MOSFET
BL8598 BELLING-BL8598 Datasheet
552Kb / 6P
Adjustable Overvoltage Protector with High Accuracy
More results

Similar Description - BL8593

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6923O A-POWER-AP6923O Datasheet
73Kb / 4P
P-CHANNEL WITH SCHOTTKY DIODE POWER MOSFET
logo
SYNC POWER Crop.
SPC6801 SYNC-POWER-SPC6801 Datasheet
229Kb / 9P
P-Channel Trench MOSFET with Schottky Diode
logo
GTM CORPORATION
GTS6923 GTM-GTS6923 Datasheet
333Kb / 4P
P-CHANNEL WITH SCHOTTKY DIODE POWER MOSFET
logo
SYNC POWER Crop.
SPC4703 SYNC-POWER-SPC4703 Datasheet
230Kb / 9P
P-Channel Trench MOSFET with Schottky Diode
logo
ELM Technology Corporat...
ELM14701AA-N ELM-TECH-ELM14701AA-N Datasheet
119Kb / 5P
Single P-channel MOSFET with schottky diode
ELM16701EA-S ELM-TECH-ELM16701EA-S Datasheet
123Kb / 5P
Single P-channel MOSFET with schottky diode
logo
Silicon Standard Corp.
SSM6923O SSC-SSM6923O Datasheet
425Kb / 5P
P-CHANNEL POWER MOSFET WITH SCHOTTKY DIODE
logo
SeCoS Halbleitertechnol...
SSY5829P SECOS-SSY5829P Datasheet
656Kb / 4P
P-Channel Enhancement MOSFET With Schottky Diode
logo
Taiwan Semiconductor Co...
TSM301K12CQ TSC-TSM301K12CQ_13 Datasheet
455Kb / 7P
20V P-Channel MOSFET with Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com