Electronic Components Datasheet Search
  English  ▼

X  

TPC6K01 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC6K01
Description  General-Purpose Rectifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6K01 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC6K01 Datasheet HTML 1Page - Toshiba Semiconductor TPC6K01 Datasheet HTML 2Page - Toshiba Semiconductor TPC6K01 Datasheet HTML 3Page - Toshiba Semiconductor TPC6K01 Datasheet HTML 4Page - Toshiba Semiconductor TPC6K01 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TPC6K01
2006-11-06
1
TOSHIBA Compound Device Silicon-Diffused Type
TPC6K01
○
General-Purpose Rectifier Applications
Forward voltage: VFM = 1.1 V (max)
Average forward current: IF (AV) = 0.3 A
Two diodes are housed in a small, thin package suitable for
high-density mounting:
VS-6 (Toshiba package name)
Each of the two diodes supports identical absolute maximum ratings
and electrical characteristics.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
400
V
Average forward current
IF (AV)
0.3 (Note 1)
A
Non-repetitive peak surge current
IFSM
3 (50 Hz)
A
Junction temperature
Tj
−55~150
°C
Storage temperature range
Tstg
−55~150
°C
Note 1: Ta
= 75°C (single-device operation)
Device mounted on a glass-epoxy board
Board size: 25.4 mm
× 25.4 mm
Board thickness: 0.8 t
Note 2: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Peak forward voltage
VFM
IF = 0.3 A
―
1.1
V
Peak repetitive reverse current
IRRM
VRRM = 400 V
―
10
μ
A
Circuit Configuration
Marking
The round black marking “●” located on the lower left of
the parts number marking “R2A” indicates terminal No. 1.
Unit: mm
1. ANODE 1
2. N.C.
3. ANODE 2
4. CATHODE 2
5. N.C.
6. CATHODE
1
2.9±0.2
0.3±0.1
0.25
+0.25
-0.15
4
0.95 0.95
0.05
6
3
1
JEDEC
⎯
JEITA
⎯
TOSHIBA
2-3T1B
Weight: 0.011 g (typ.)
Part No.
(or abbreviation code)
R2A
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Lot code (month)
Lot No.
Pin #1
Lot code
(year)
Product-specific code
  6
5
4
  1
2
3


Similar Part No. - TPC6K01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPC6.8 VISHAY-TPC6.8 Datasheet
110Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
04-Aug-08
TPC6.8 VISHAY-TPC6.8 Datasheet
92Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
10-May-11
TPC6.8A VISHAY-TPC6.8A Datasheet
110Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
04-Aug-08
TPC6.8A VISHAY-TPC6.8A Datasheet
92Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
10-May-11
TPC6.8A VISHAY-TPC6.8A Datasheet
102Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
19-Apr-2022
More results

Similar Description - TPC6K01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1R5JZ41 TOSHIBA-1R5JZ41 Datasheet
135Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1829 TOSHIBA-1S1829 Datasheet
116Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
07-Jul-1998
1S1830 TOSHIBA-1S1830 Datasheet
134Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
02-Dec-1996
1S1885A TOSHIBA-1S1885A Datasheet
131Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
02-Dec-1996
1S2460 TOSHIBA-1S2460 Datasheet
93Kb / 2P
GENERAL PURPOSE RECTIFIER APPLICATIONS.
U10LC48 TOSHIBA-U10LC48_07 Datasheet
206Kb / 4P
General Purpose Rectifier Applications
06-Nov-2006
CRG03 TOSHIBA-CRG03 Datasheet
165Kb / 4P
General Purpose Rectifier Applications
logo
Guangdong Kexin Industr...
1N4001WS KEXIN-1N4001WS Datasheet
63Kb / 2P
General Purpose Rectifier Applications
logo
Toshiba Semiconductor
CMG03 TOSHIBA-CMG03 Datasheet
155Kb / 4P
General Purpose Rectifier Applications
U2JC44 TOSHIBA-U2JC44 Datasheet
154Kb / 3P
GENERAL PURPOSE RECTIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com