Electronic Components Datasheet Search
  English  ▼

X  

STF701 Datasheet(PDF) 2 Page - Protek Devices

Part # STF701
Description  EMI FILTER/TVS ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

STF701 Datasheet(HTML) 2 Page - Protek Devices

  STF701_12 Datasheet HTML 1Page - Protek Devices STF701_12 Datasheet HTML 2Page - Protek Devices STF701_12 Datasheet HTML 3Page - Protek Devices STF701_12 Datasheet HTML 4Page - Protek Devices STF701_12 Datasheet HTML 5Page - Protek Devices STF701_12 Datasheet HTML 6Page - Protek Devices STF701_12 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05129.R11 10/12
Page 2
STF701
TyPical Device chaRacTeRiSTicS
maXimum RaTinGS @ 25°c unless otherwise Specified
PaRameTeR
SymBol
value
uniTS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
175
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Typical Series Resistance per Line
R
40
Ohms
FiGuRe 1
Peak PulSe PoweR vS PulSe Time
t
d - Pulse Duration - µs
175W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000
elecTRical chaRacTeRiSTicS PeR line @ 25°c unless otherwise Specified
PaRT
numBeR
Device
maRkinG
RaTeD
STanD-oFF
volTaGe
v
wm
volTS
minimum
BReakDown
volTaGe
@ 1ma
v
(BR)
volTS
maXimum
ReveRSe
leakaGe
cuRRenT
@v
wm
i
D
µa
maXimum
ReveRSe
leakaGe
cuRRenT
@3.3v
i
D
µa
TyPical
caPaciToR
(Per Junction)
@0v, 1mhz
cj
pF
maXimum
caPaciTance
(note 1)
@0v, 1mhz
c
ToT
pF
STF701
05F
5.0
6.0
5.0
1.0
40
160
noTeS
1. Capacitance measured between input or output and ground.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com