Electronic Components Datasheet Search
  English  ▼

X  

B32674D Datasheet(PDF) 5 Page - EPCOS

Part # B32674D
Description  Metallized Polypropylene Film Capacitors (MKP)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32674D Datasheet(HTML) 5 Page - EPCOS

  B32674D Datasheet HTML 1Page - EPCOS B32674D Datasheet HTML 2Page - EPCOS B32674D Datasheet HTML 3Page - EPCOS B32674D Datasheet HTML 4Page - EPCOS B32674D Datasheet HTML 5Page - EPCOS B32674D Datasheet HTML 6Page - EPCOS B32674D Datasheet HTML 7Page - EPCOS B32674D Datasheet HTML 8Page - EPCOS B32674D Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Lead spacing 52.5 mm
Type
B32678
Page
10
VR (V DC)
300
450
630
750
875
CR (
µF)
15
20
25
30
35
40
47
60
B32674 ... B32678
MKP DC link
high power series
Page 5 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com