Electronic Components Datasheet Search
  English  ▼

X  

IR3898 Datasheet(PDF) 11 Page - International Rectifier

Part # IR3898
Description  6A HIGHLY INTERGRATED SUPLRBUCK
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3898 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3898 Datasheet HTML 7Page - International Rectifier IR3898 Datasheet HTML 8Page - International Rectifier IR3898 Datasheet HTML 9Page - International Rectifier IR3898 Datasheet HTML 10Page - International Rectifier IR3898 Datasheet HTML 11Page - International Rectifier IR3898 Datasheet HTML 12Page - International Rectifier IR3898 Datasheet HTML 13Page - International Rectifier IR3898 Datasheet HTML 14Page - International Rectifier IR3898 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
- 11 -
AUGUST 08, 2012 | DATA SHEET | Rev 3.3
11
IR3898
6A Highly Integrated SupIRBuckTM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
83
85
87
89
91
93
95
97
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
Load Current (A)
1.0V
1.2V
1.8V
3.3V
5.0V
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
Load Current (A)
1.0V
1.2V
1.8V
3.3V
5.0V
TYPICAL EFFICIENCY AND POWER LOSS CURVES
PVin = 12V, Vcc = External 5V, Io = 0A-6A, Fs = 600 kHz, Room Temperature, No Air Flow. Note that the efficiency and power
loss curves include the losses of IR3898, the inductor losses and the losses of the input and output capacitors. The table
below shows the inductors used for each of the output voltages in the efficiency measurement.
VOUT (V)
LOUT (µH)
P/N
DCR (mΩ)
1.0
0.82
SPM6550T-R82M (TDK)
4.2
1.2
1.0
SPM6550T-1R0M (TDK)
4.7
1.8
1.0
SPM6550T-1R0M (TDK)
4.7
3.3
2.2
7443340220(Wurth Elektronik)
4.4
5
2.2
7443340220(Wurth Elektronik)
4.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com