Electronic Components Datasheet Search
  English  ▼

X  

LT1763 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1763
Description  Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763 Datasheet(HTML) 3 Page - Linear Technology

  LT1763 Datasheet HTML 1Page - Linear Technology LT1763 Datasheet HTML 2Page - Linear Technology LT1763 Datasheet HTML 3Page - Linear Technology LT1763 Datasheet HTML 4Page - Linear Technology LT1763 Datasheet HTML 5Page - Linear Technology LT1763 Datasheet HTML 6Page - Linear Technology LT1763 Datasheet HTML 7Page - Linear Technology LT1763 Datasheet HTML 8Page - Linear Technology LT1763 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3029
3
3029fa
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3029 is tested and specified under pulse load conditions
such that TJ ≈ TA. The LT3029E is 100% tested at TA = 25°C. Performance
of the LT3029E over the full –40°C to 125°C operating junction
temperature range is assured by design, characterization and correlation
with statistical process controls. The LT3029I is guaranteed over the full
–40°C to 125°C operating junction temperature range. The LT3029MP is
100% tested and guaranteed over the –55°C to 125°C operating junction
temperature range. The LT3029H is tested at 150°C operating junction
temperature. High junction temperatures degrade operating lifetimes.
Operating lifetime is derated at junction temperatures greater than 125°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage (Notes 3, 11)
ILOAD = 500mA
l
1.8
2.3
V
ADJ1, ADJ2 Pin Voltage (Notes 3, 4, 9)
VIN = 2V, ILOAD = 1mA
2.3V < VIN < 20V, 1mA < ILOAD < 500mA (E, I, MP)
2.3V < VIN < 20V, 1mA < ILOAD < 500mA (H)
l
l
1.203
1.191
1.173
1.215
1.215
1.215
1.227
1.239
1.239
V
V
V
Line Regulation (Note 3)
ΔVIN = 2V to 20V, ILOAD = 1mA
l
0.5
5
mV
Load Regulation (Note 3)
VIN = 2.3V, ΔILOAD = 1mA to 500mA
VIN = 2.3V, ΔILOAD = 1mA to 500mA (E, I, MP)
VIN = 2.3V, ΔILOAD = 1mA to 500mA (H)
l
l
2.5
6
15
32
mV
mV
mV
Dropout Voltage
VIN = VOUT(NOMINAL)
(Notes 5, 6, 11)
ILOAD = 10mA
ILOAD = 10mA
l
0.11
0.18
0.25
V
V
ILOAD = 50mA
ILOAD = 50mA
l
0.16
0.22
0.31
V
V
ILOAD = 100mA
ILOAD = 100mA
l
0.2
0.25
0.34
V
V
ILOAD = 500mA
ILOAD = 500mA
l
0.3
0.36
0.46
V
V
GND Pin Current (per Channel)
VIN = VOUT(NOMINAL)
(Notes 5, 7)
ILOAD = 0mA
ILOAD = 1mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 250mA
ILOAD = 500mA
l
l
l
l
l
l
55
90
1.1
2
4.3
10
150
250
2
3.5
8
16
μA
μA
mA
mA
mA
mA
Output Voltage Noise
COUT = 10μF, CBYP = 10nF, ILOAD = 500mA,
BW = 10Hz to 100kHz
20
μVRMS
ADJ1/ADJ2 Pin Bias Current
ADJ1, ADJ2 (Notes 3, 8)
30
100
nA
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
l
l
0.20
0.45
0.40
1.1
V
V
SHDN1/SHDN2 Pin Current (Note 10)
VSHDN1, VSHDN2 = 0V
VSHDN1, VSHDN2 = 20V
l
l
0
0.6
0.5
3
μA
μA
Quiescent Current in Shutdown (per Channel)
VIN = 6V, VSHDN1 = 0V, VSHDN2 = 0V
0.01
0.1
μA
Ripple Rejection
VIN = 2.715V (Avg), VRIPPLE = 0.5VP-P,
fRIPPLE = 120Hz, ILOAD = 500mA
55
67
dB
Current Limit (Note 9)
VIN = 7V, VOUT = 0V
VIN = 2.3V, ΔVOUT = –0.1V
l
520
1.5
A
mA
Input Reverse Leakage Current
VIN = –20V, VOUT = 0V
l
1mA
Reverse Output Current
VOUT = 1.215V, VIN = 0V
0.5
10
μA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
Note 3: The LT3029 is tested and specified for these conditions with the
ADJ1/ADJ2 pin connected to the corresponding OUT1/OUT2 pin.
Note 4: Maximum junction temperature limits operating conditions. The
regulated output voltage specification does not apply for all possible
combinations of input voltage and output current. When operating at
maximum input voltage, limit the output current range. When operating at
maximum output current, limit the input voltage range.
Note 5: To satisfy minimum input voltage requirements, the LT3029 is
tested and specified for these conditions with an external resistor divider
(two 243k resistors) for an output voltage of 2.437V. The external resistor
divider adds 5μA of DC load on the output.
Note 6: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout, the
output voltage equals: VIN – VDROPOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com