Electronic Components Datasheet Search
  English  ▼

X  

LT1676 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1676
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1676 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1676 Datasheet HTML 3Page - Linear Technology LT1676 Datasheet HTML 4Page - Linear Technology LT1676 Datasheet HTML 5Page - Linear Technology LT1676 Datasheet HTML 6Page - Linear Technology LT1676 Datasheet HTML 7Page - Linear Technology LT1676 Datasheet HTML 8Page - Linear Technology LT1676 Datasheet HTML 9Page - Linear Technology LT1676 Datasheet HTML 10Page - Linear Technology LT1676 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3013
7
3013fe
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
1.4
3013 G10
0.8
0.4
0.2
0
2.0
1.8
1.6
1.2
1.0
0.6
–50
0
50
75
–25
25
100
150
125
OFF-TO-ON
ON-TO-OFF
SHDN Pin Threshold
SHDN PIN VOLTAGE (V)
0
0.2
0.4
0.6
0.1
0.3
0.5
1.0
2.0
3013 G11
3.0
0.5
0
1.5
2.5
TJ = 25°C
CURRENT FLOWS
OUT OF SHDN PIN
TEMPERATURE (°C)
3013 G12
0.4
0.2
0.1
0
0.6
0.5
0.3
–50
0
50
75
–25
25
100
150
125
VIN = 6V
VSHDN = 0V
CURRENT FLOWS
OUT OF SHDN PIN
TEMPERATURE (°C)
3013 G13
100
80
20
40
60
0
120
–50
0
50
75
–25
25
100
150
125
TEMPERATURE (°C)
94
3013 G25
90
89
86
87
88
85
95
93
92
91
–50
0
50
75
–25
25
100
150
125
OUTPUT RISING
OUTPUT FALLING
PWRGD Trip Point
ADJ Pin Bias Current
SHDN Pin Current
SHDN Pin Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com