Electronic Components Datasheet Search
  English  ▼

X  

LT1963A Datasheet(PDF) 5 Page - Linear Technology

Part # LT1963A
Description  Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963A Datasheet(HTML) 5 Page - Linear Technology

  LT1963A Datasheet HTML 1Page - Linear Technology LT1963A Datasheet HTML 2Page - Linear Technology LT1963A Datasheet HTML 3Page - Linear Technology LT1963A Datasheet HTML 4Page - Linear Technology LT1963A Datasheet HTML 5Page - Linear Technology LT1963A Datasheet HTML 6Page - Linear Technology LT1963A Datasheet HTML 7Page - Linear Technology LT1963A Datasheet HTML 8Page - Linear Technology LT1963A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3029
5
3029fa
ADJ1 or ADJ2 Pin Voltage
Quiescent Current (per Channel)
TYPICAL PERFORMANCE CHARACTERISTICS
GND Pin Current (per Channel)
GND Pin Current (per Channel)
GND Pin Current vs ILOAD
SHDN1 or SHDN2 Pin Threshold
(On-to-Off)
TEMPERATURE (°C)
3029 G05
–75 –50 –25 0
25 50 75 100 125 150 175
IL = 1mA
1.239
1.233
1.227
1.221
1.215
1.209
1.203
1.197
1.191
INPUT VOLTAGE (V)
160
140
120
100
80
60
40
20
0
3029 G06
0246
8
10 12 14 16 18 20
TJ = 25°C
RL = 243k
VOUT = 1.215V
VSHDN = VIN
VSHDN = 0V
INPUT VOLTAGE (V)
3029 G07
0123
4
5
67
8
9
10
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
TJ = 25°C
FOR VOUT = 1.215V
RL = 24.3Ω, IL = 50mA
RL = 1.215kΩ, IL = 1mA
RL = 121.5Ω, IL = 10mA
INPUT VOLTAGE (V)
3029 G08
0123
4
5
67
8
9
10
16
14
12
10
8
6
4
2
0
TJ = 25°C
FOR VOUT = 1.215V
RL = 2.43Ω, IL = 500mA
RL = 12.15Ω, IL = 100mA
RL = 4.05Ω, IL = 300mA
OUTPUT CURRENT (mA)
3029 G09
0
50 100 150 200 250 300 350 400 450 500
TJ = 25°C
VIN = VOUT(NOMINAL) + 1V
16
14
12
10
8
6
4
2
0
TEMPERATURE (°C)
3029 G10
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
IL = 1mA
–75 –50 –25 0
25 50 75 100 125 150 175
TJ = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com