Electronic Components Datasheet Search
  English  ▼

X  

LT1964 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1964
Description  Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1964 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1964 Datasheet HTML 3Page - Linear Technology LT1964 Datasheet HTML 4Page - Linear Technology LT1964 Datasheet HTML 5Page - Linear Technology LT1964 Datasheet HTML 6Page - Linear Technology LT1964 Datasheet HTML 7Page - Linear Technology LT1964 Datasheet HTML 8Page - Linear Technology LT1964 Datasheet HTML 9Page - Linear Technology LT1964 Datasheet HTML 10Page - Linear Technology LT1964 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3029
7
3029fa
Reverse Current
Input Ripple Rejection
Input Ripple Rejection
Input Ripple Rejection
Minimum Input Voltage
Channel-to-Channel Isolation
TEMPERATURE (°C)
3029 G17
300
270
240
210
180
150
120
90
60
30
0
VIN = 0V
VADJ = VOUT = 1.215V
IADJ FLOWS INTO ADJ PIN TO GND PIN
IOUT FLOWS INTO OUT PIN TO IN PIN
–75 –50 –25 0
25 50 75 100 125 150 175
IADJ
IOUT
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
3029 G18
10
40
50
60
70
80
30
20
10
0
90
100
TJ = 25°C
IL = 500mA
VIN = VOUT(NOMINAL) +1V + 50mVRMS RIPPLE
CBYP = 0
COUT = 10μF
COUT = 3.3μF
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
3029 G19
10
40
50
60
70
80
30
20
10
0
90
100
TJ = 25°C
IL = 500mA
VIN = VOUT(NOMINAL) +1V + 50mVRMS RIPPLE
COUT = 10μF
CBYP = 0.01μF
CBYP = 1000pF
CBYP = 100pF
TEMPERATURE (°C)
3029 G20
100
90
80
70
60
50
40
30
20
10
0
VIN = VOUT(NOMINAL) + 1.5V + 0.5VP-P RIPPLE
f = 120Hz
IL = 500mA
–75 –50 –25 0
25 50 75 100 125 150 175
TEMPERATURE (°C)
3029 G21
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
–75 –50 –25 0
25 50 75 100 125 150 175
IL = 1mA
IL = 500mA
VOUT = 1.215V
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
3029 G22
10
40
50
60
70
80
30
20
10
0
90
100
GIVEN CHANNEL IS TESTED WITH 50mVRMS
SIGNAL ON OPPOSING CHANNEL, BOTH
CHANNELS DELIVERING FULL CURRENT
TJ = 25°C
TYPICAL PERFORMANCE CHARACTERISTICS T
J = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com