Electronic Components Datasheet Search
  English  ▼

X  

LT1965 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1965
Description  Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1965 Datasheet(HTML) 4 Page - Linear Technology

  LT1965 Datasheet HTML 1Page - Linear Technology LT1965 Datasheet HTML 2Page - Linear Technology LT1965 Datasheet HTML 3Page - Linear Technology LT1965 Datasheet HTML 4Page - Linear Technology LT1965 Datasheet HTML 5Page - Linear Technology LT1965 Datasheet HTML 6Page - Linear Technology LT1965 Datasheet HTML 7Page - Linear Technology LT1965 Datasheet HTML 8Page - Linear Technology LT1965 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3029
4
3029fa
TYPICAL PERFORMANCE CHARACTERISTICS
Typical Dropout Voltage
Guaranteed Dropout Voltage
Dropout Voltage vs Temperature
Quiescent Current (per Channel)
ELECTRICAL CHARACTERISTICS
Note 7: GND pin current is tested with VIN = 2.437V and a current source
load. This means the device is tested while operating in its dropout region
or at the minimum input voltage specification. This is the worst-case
GND pin current. The GND pin current decreases slightly at higher input
voltages. Total GND pin current equals the sum of output 1 and output 2
GND pin currents.
Note 8: ADJ1/ADJ2 pin bias current flows into the pin.
Note 9: The LT3029 contains current limit foldback circuitry. See the
Typical Performance Characteristics for current limit as a function of the
VIN – VOUT differential voltage.
Note 10:
SHDN1/SHDN2 pin current flows into the pin.
Note 11: The LT3029 minimum input voltage specification limits dropout
voltage under some output voltage/load conditions. See the curve of
Minimum Input Voltage in the Typical Performance Characteristics.
Note 12: The LT3029 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature exceeds the maximum operating junction temperature when
overtemperature protection is active. Continuous operation above the
specified maximum operating junction temperature may impair device
reliability.
OUTPUT CURRENT (mA)
500
450
400
350
300
250
200
150
100
50
0
3029 G01
0
50 100 150 200 250 300 350 400 450 500
TJ = 150°C
TJ = 25°C
TJ = 125°C
TJ = –55°C
OUTPUT CURRENT (mA)
500
450
400
350
300
250
200
150
100
50
0
3029 G02
0
50 100 150 200 250 300 350 400 450 500
TJ = 150°C
TJ = 25°C
= TEST POINTS
TEMPERATURE (°C)
500
450
400
350
300
250
200
150
100
50
0
3029 G03
–75 –50 –25 0
25 50 75 100 125 150 175
IL = 500mA
IL = 100mA
IL = 250mA
IL = 50mA
IL = 10mA
IL = 1mA
TEMPERATURE (°C)
3029 G04
–75 –50 –25 0
25 50 75 100 125 150 175
VIN = 6V
RL = 243k, IL = 5μA
150
125
100
75
50
25
0
VSHDN = VIN
TJ = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com